Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2082DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2082DRG4
Description  POWER-DISTRIBUTION SWITCHES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2082DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2082DRG4 Datasheet HTML 1Page - Texas Instruments TPS2082DRG4 Datasheet HTML 2Page - Texas Instruments TPS2082DRG4 Datasheet HTML 3Page - Texas Instruments TPS2082DRG4 Datasheet HTML 4Page - Texas Instruments TPS2082DRG4 Datasheet HTML 5Page - Texas Instruments TPS2082DRG4 Datasheet HTML 6Page - Texas Instruments TPS2082DRG4 Datasheet HTML 7Page - Texas Instruments TPS2082DRG4 Datasheet HTML 8Page - Texas Instruments TPS2082DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
DESCRIPTION
TPS2080, TPS2081, TPS2082 DUAL
TPS2085, TPS2086, TPS2087 QUAD
SLVS202B – SEPTEMBER 2000 – REVISED OCTOBER 2007
www.ti.com
POWER-DISTRIBUTION SWITCHES
• 80-mΩ High-Side MOSFET Switch
• 500 mA Continuous Current per Channel
• Independent Thermal and Short-Circuit
Protection With Overcurrent Logic Output
• Operating Range: 2.7-V to 5.5-V
• CMOS- and TTL-Compatible Enable Inputs
• 2.5-ms Typical Rise Time
• Undervoltage Lockout
• 10 μA Maximum Standby Supply Current
• Bidirectional Switch
• Available in 8-Pin and 16-Pin SOIC Packages
• Ambient Temperature Range, 0°C to 85°C
• ESD Protection
The TPS2080, TPS2081, and TPS2082 dual and the
TPS2085,
TPS2086
and
TPS2087
quad
power-distribution
switches
are
intended
for
applications where heavy capacitive loads and short
circuits are likely to be encountered.
The TPS208x devices incorporate 80-m
Ω N-channel MOSFET high-side power switches for power-distribution
systems that require multiple power switches in a single package. Each switch is controlled by an independent
logic enable input. Gate drive is provided by an internal charge pump designed to control the power-switch rise
times and fall times to minimize current surges during switching. The charge pump requires no external
components and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS208x limits the output
current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low.
When continuous heavy overloads and short circuits increase the power dissipation in the switch causing the
junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a
thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present. The TPS208x devices are designed to current limit at 1.0-A load.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2082DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2082 TI-TPS2082 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2082 TI-TPS2082 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2082DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com