Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5401DGQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5401DGQ
Description  0.5-A, 42-V Input, Step-Down SWIFT Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5401DGQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS5401DGQ Datasheet HTML 1Page - Texas Instruments TPS5401DGQ Datasheet HTML 2Page - Texas Instruments TPS5401DGQ Datasheet HTML 3Page - Texas Instruments TPS5401DGQ Datasheet HTML 4Page - Texas Instruments TPS5401DGQ Datasheet HTML 5Page - Texas Instruments TPS5401DGQ Datasheet HTML 6Page - Texas Instruments TPS5401DGQ Datasheet HTML 7Page - Texas Instruments TPS5401DGQ Datasheet HTML 8Page - Texas Instruments TPS5401DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TPS5401
SLVSAB0 – DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 3.5 V to 42 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching-frequency range using RT
100
2500
kHz
mode
fSW
Switching frequency
RT = 200 kΩ
450
581
720
kHz
Switching-frequency range using
300
2200
kHz
CLK mode
Minimum CLK input pulse width
40
ns
RT/CLK high threshold
1.9
2.2
V
RT/CLK low threshold
0.5
0.7
V
RT/CLK falling edge to PH rising
Measured at 500 kHz with RT resistor in series
60
ns
edge delay
PLL lock-in time
Measured at 500 kHz
100
ms
SLOW-START AND TRACKING (SS/TR PIN)
Charge current
VSS/TR = 0.4 V
2
mA
SS/TR-to-VSENSE matching
VSS/TR = 0.4 V
45
mV
SS/TR-to-reference crossover
98% nominal
1
V
SS/TR discharge current (overload)
VVSENSE = 0 V, VSS/TR = 0.4 V
112
mA
SS/TR discharge voltage
VVSENSE = 0 V
54
mV
POWER GOOD (PWRGD PIN)
VVSENSE falling
92%
VSENSE low threshold
Vref
VVSENSE rising
94%
VVSENSE rising
109%
VSENSE high threshold
Vref
VVSENSE falling
107%
Hysteresis
VVSENSE falling
2%
Output-high leakage
VVSENSE = Vref, VPWRGD = 5.5 V, 25°C
10
nA
On-resistance
IPWRGD = 3 mA, VVSENSE < 0.77 V
50
Minimum VIN for defined output
VPWRGD < 0.5 V, IPWRGD = 100 mA
0.95
1.5
V
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS5401


Similar Part No. - TPS5401DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010 TI-TPS54010 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54010 TI1-TPS54010 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010 TI1-TPS54010 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS5401DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401EVM-708 TI-TPS5401EVM-708 Datasheet
1Mb / 41P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401 TI-TPS5401_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS5401 0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com