Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650061RUKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650061RUKT
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650061RUKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS650061RUKT Datasheet HTML 5Page - Texas Instruments TPS650061RUKT Datasheet HTML 6Page - Texas Instruments TPS650061RUKT Datasheet HTML 7Page - Texas Instruments TPS650061RUKT Datasheet HTML 8Page - Texas Instruments TPS650061RUKT Datasheet HTML 9Page - Texas Instruments TPS650061RUKT Datasheet HTML 10Page - Texas Instruments TPS650061RUKT Datasheet HTML 11Page - Texas Instruments TPS650061RUKT Datasheet HTML 12Page - Texas Instruments TPS650061RUKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
t- Time-200ns/div
VINDCDC=3.6V
T =25 C
VDCDC=1.2V
A
o
LoadDCDC=400mA
EN_DCDC=high
EN_LDO1=low
EN_LDO2=low
t- Time-2 s/div
m
VINDCDC=3.6V
T =25 C
VDCDC=1.2V
A
o
LoadCurrent=60mA
EN_DCDC=high
EN_LDO1=low
EN_LDO2=low
t- Time-100ns/div
VINDCDC=3.6V
T =25 C
VDCDC=1.2V
A
o
LoadDCDC=100mA
EN_DCDC=0Vto3.6V
EN_LDO1=low
EN_LDO2=low
t- Time-100ns/div
VINDCDC=3.6V
VINLDOx=2.3V
T =25 C
VLDOx=1.2V
A
o
LoadLDOx=100mA
EN_LDOx=0Vto2.3V
EN_DCDC=low
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
www.ti.com
SLVS810B – JUNE 2009 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE RIPPLE (DCDC PFM Mode)
OUTPUT VOLTAGE RIPPLE (DCDC PWM Mode)
Figure 5.
Figure 6.
STARTUP TIMING (DCDC)
START-UP TIMING (LDOx)
Figure 7.
Figure 8.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650061RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS650061RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com