Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBFR5020JP Datasheet(PDF) 1 Page - First Components International

Part # PBFR5020JP
Description  50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS High surge current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PBFR5020JP Datasheet(HTML) 1 Page - First Components International

  PBFR5020JP Datasheet HTML 1Page - First Components International PBFR5020JP Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +225
SYMBOL PBFR5018JP/N
CHARACTERISTIC
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
PBFR5020JP/N
PBFR5030JP/N UNIT
34-40
24-28
28
20
28
20
50
0.2
600
150
V
V
V
V
A
A
uA
uA
oC
19-25
16
16
1.05
Maximum Peak Repetitive Reverse Voltage@Irrm=100mA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=175
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 100Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
¬
P type Plastic Ring -- White color
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
1 / 2
Ring colcr
50A(P)
blue
white
50A(N)
0.053( 1.35)
O
0.050( 1.27)
O
.502( 12.75)
O
.460( 11.7)
O
.468( 11.9)
O
.506( 12.85)
O
.425( 10.8)
O
.417( 10.6)
O
Data Sheet
50 Amp Press Fit Avalanche
AUTOMOTIVERECTIFIERS
¬
Chips Passivative with Polyimide Process
¬
N type Plastic Ring -- Blue color
¬
Weight: 6.70 gram


Similar Part No. - PBFR5020JP

ManufacturerPart #DatasheetDescription
logo
FCI connector
PBFR5023-43 FCI-CONNECTOR-PBFR5023-43 Datasheet
156Kb / 1P
   50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
logo
First Components Intern...
PBFR5023N FCI-PBFR5023N Datasheet
156Kb / 1P
   50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PBFR5023P FCI-PBFR5023P Datasheet
156Kb / 1P
   50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
More results

Similar Description - PBFR5020JP

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR8018JP FCI-PBFR8018JP Datasheet
325Kb / 2P
   80 Amp Press Fit Avalanche AUTOMOTIVE RECTIFERS High surge current capability
PFR5023 FCI-PFR5023 Datasheet
99Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
PFR5028 FCI-PFR5028 Datasheet
70Kb / 1P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
FCI connector
PBFR5018-30JP FCI-CONNECTOR-PBFR5018-30JP Datasheet
448Kb / 2P
   50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
PFR3523 FCI-PFR3523 Datasheet
99Kb / 1P
   FASTORB - 35 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
PFR2523 FCI-PFR2523 Datasheet
99Kb / 1P
   FASTORB - 25 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS
SR220 FCI-SR220_1 Datasheet
456Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS High surge current capability
logo
GOOD-ARK Electronics
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
logo
First Components Intern...
SCFR5018 FCI-SCFR5018 Datasheet
549Kb / 2P
   50 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
PFR3501 FCI-PFR3501 Datasheet
158Kb / 2P
   35 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com