Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVG5A103C03 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A103C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A103C03 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PVG5A103C03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
R50E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
1
2
3
4
5
6
7
Part Numbering
2
Selection Guide of Trimmer Potentiometers
3
SMD Open Type 2mm Size PVZ2/PVA2 Series
4
PVZ2/PVA2 Series Notice
8
SMD Open Type 3mm Size PVZ3 Series
10
PVZ3 Series Notice
14
SMD Sealed Type 3mm Size PVG3 Series
16
PVG3 Series Notice
19
SMD Sealed Type 4mm Size PVM4 Series
21
PVM4 Series Notice
23
SMD Sealed Type Multi-turn PVG5 Series
26
PVG5 Series Notice
29
Lead Sealed Type Single-turn PV32 Series
31
PV32 Series Notice
34
Lead Sealed Type Multi-turn PV12/PV37/PV36 Series
36
PV12/PV37/PV36 Series Notice
43
SMD Open Type (PVZ2/A2/Z3)/SMD Sealed Type (PVM4A_C01 Series) Specifications and Test Methods
45
SMD Sealed Type (PVG3/M4A_D01/G5)/Lead Sealed Type (PV32/12/37/36) Specifications and Test Methods
46
Packaging
49
Recommended Adjustment Tools/Qualified Standards
52
1
2
3
4
5
6
7


Similar Part No. - PVG5A103C03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVG5A103C03B00 MURATA-PVG5A103C03B00 Datasheet
196Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVG5A103C03B00 MURATA1-PVG5A103C03B00 Datasheet
236Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVG5A103C03B00 MURATA1-PVG5A103C03B00_V01 Datasheet
236Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
logo
Murata Manufacturing Co...
PVG5A103C03R00 MURATA-PVG5A103C03R00 Datasheet
196Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVG5A103C03R00 MURATA1-PVG5A103C03R00 Datasheet
236Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
More results

Similar Description - PVG5A103C03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3A103C01B00 MURATA-PVZ3A103C01B00 Datasheet
1Mb / 55P
   SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
Panasonic Semiconductor
EVM31G PANASONIC-EVM31G Datasheet
74Kb / 2P
   6mm Size Ceramic Trimmer Potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com