Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2596 Datasheet(PDF) 10 Page - First Components International

Part # LM2596
Description  Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2596 Datasheet(HTML) 10 Page - First Components International

Back Button LM2596 Datasheet HTML 6Page - First Components International LM2596 Datasheet HTML 7Page - First Components International LM2596 Datasheet HTML 8Page - First Components International LM2596 Datasheet HTML 9Page - First Components International LM2596 Datasheet HTML 10Page - First Components International LM2596 Datasheet HTML 11Page - First Components International LM2596 Datasheet HTML 12Page - First Components International LM2596 Datasheet HTML 13Page - First Components International LM2596 Datasheet HTML 14Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
ILOAD(max) = Maximum Load Current
ILOAD(max) = 3A
F=Switching Frequency (Fixed at a nominal 150 kHz).
F=Switching Frequency (Fixed at a nominal 150 kHz).
1. Programming Output Voltage (Selecting R1 and R2,
as shown in Figure 1)
Use the following formula to select the appropriate resistor
values.
)
R
R
(1
V
V
1
2
REF
OUT
+
=
where
V
1.23
VREF
=
Select a value for R1 between 240Ω and 1.5kΩ. The lower
resistor values minimize noise pickup in the sensitive
feedback pin. (For the lowest temperature coefficient and
the best stability with time, use 1% metal film resistors.)
1)
V
V
(
R
R
REF
OUT
1
2
=
1. Programming Output Voltage (Selecting R1 and
R2, as shown in Figure 1)
Select R1 to be 1 kΩ, 1%. Solve for R2.
1)
V
1.23
V
20
k(
1
1)
V
V
(
R
R
REF
OUT
1
2
=
=
R2=1k (16.26-1)=15.26k, closest 1% value is 15.4kΩ
R2 = 15.4 kΩ.
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt • microsecond constant E
•T
(V
•Us), from the following formula:
s)
(V
kHz
150
1000
V
V
V
V
V
)
V
V
(V
T
E
D
SAT
IN
D
OUT
SAT
OUT
IN
µ
+
+
=
where VSAT = internal switch saturation voltage = 1.16V
and VD = diode forward voltage drop = 0.5V
A. Calculate the inductor Volt
• microsecond constant
(E
•T),
s)
(V
150
1000
5
.
0
16
.
1
28
5
.
0
20
)
16
.
1
20
28
(
T
E
µ
+
+
=
s)
(V
.
s)
(V
.
.
.
)
.
(
T
E
µ
µ
=
=
2
34
67
6
34
27
5
20
84
6
B. Use the E
•T value from the previous formula and match
it with the E
•T number on the vertical axis of the Inductor
Value Selection Guide shown in Figure 7.
B.
E
•T=34.2 (V•Us)
C. on the horizontal axis, select the maximum load
current.
C. ILOAD (max) = 3A
D. Identify the inductance region intersected by the E
•T
value and the Maximum Load Current value. Each region is
identified by an inductance value and an inductor code
(LXX).
D. From the inductor value selection guide shown in
Figure 7, the inductance region intersected by the 34
(V
•Us) horizontal line and the 3A vertical line is 47 UH,
and the inductor code is L39.
E. Select an appropriate inductor from the four
manufacturer’s part numbers listed in Figure 8.
E. From the table in Figure 8, locate line L39, and
select an inductor part number from the list of
manufacturers part numbers.
3. Output Capacitor Selection (COUT)
3. Output Capacitor SeIection (COUT)
A. In the majority of applications, low ESR electrolytic or solid
tantalum capacitors between 82 UF and 820 UF provide the
best results. This capacitor should be located close to the IC
using short capacitor leads and short copper traces. Do not
use capacitors larger than 820 UF.
B. To simplify the capacitor selection procedure, refer to
the quick design table shown in Figure 3. This table
contains different output voltages, and lists various output
capacitors that will provide the best design solutions.
B. From the quick design table shown in Figure 3, locate
the output voltage column. From that column, locate the
output voltage closest to the output voltage in your
application. In this example, select the 24V line. Under the
output capacitor section, select a capacitor from the list
of through hole electrolytic or surface mount tantalum
types from four different capacitor manufacturers. It is
recommended that both the manufacturers and the
manufacturers series that are listed in the table be used.
In this example, through hole aluminum electrolytic
capacitors from several different manufacturers are
available.
220 UF/35V Panasonic HFQ Series
150 UF/35V Nichicon PL Series
C. The capacitor voltage rating should be at least 1.5
times greater than the output voltage, and often much
higher voltage ratings are needed to satisfy the low ESR
requirements needed for low output ripple voltage.
C. For a 20V output, a capacitor rating of at least 30V
or more is needed. In this example, either a 35V or
50V capacitor would work. A 35V rating was chosen,
although a 50V rating could also be used if a lower
output ripple voltage is needed.
Other manufacturers or other types of capacitors may
also be used, provided the capacitor specifications
LM2596 Simple switcher Power Converter 150kHz
3A Step-Down Voltage Regulator


Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results

Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
   LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Pulse A Technitrol Comp...
PE-53818SNLT PULSE-PE-53818SNLT Datasheet
97Kb / 2P
   Toroid - Designed for Nationals 150kHz Simple Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com