Electronic Components Datasheet Search |
|
LMH6722SD Datasheet(PDF) 11 Page - Texas Instruments |
|
LMH6722SD Datasheet(HTML) 11 Page - Texas Instruments |
11 / 30 page 1 2 3 4 5 6 7 8 9 10 0 50 100 150 200 250 300 350 400 450 GAIN (-V/V) LMH6714, LMH6720 LMH6722, LMH6722-Q1 www.ti.com SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013 In the Figure 32 and Figure 33 charts, the recommended value of RF is depicted by the solid line, which starts high, decreases to 200 Ω and begins increasing again. The reason that a higher RF is required at higher gains is the need to keep RG from decreasing too far below the output impedance of the input buffer. For the LMH6714/LMH6720/LMH6722 the output resistance of the input buffer is approximately 180 Ω and 50Ω is a practical lower limit for RG. Due to the limitations on RG the LMH6714/LMH6720/LMH6722 begins to operate in a gain bandwidth limited fashion for gains of ±5V/V or greater. Figure 33. RF vs. Inverting Gain ACTIVE FILTERS When using any current feedback Operational Amplifier as an active filter it is important to be very careful when using reactive components in the feedback loop. Anything that reduces the impedance of the negative feedback, especially at higher frequencies, will almost certainly cause stability problems. Likewise capacitance on the inverting input needs to be avoided. See Application Notes OA-07 (SNOA365) and OA-26 (SNOA387) for more information on Active Filter applications for Current Feedback Op Amps. Figure 34. Enable/Disable Operation ENABLE/DISABLE OPERATION USING ±5V SUPPLIES (LMH6720 ONLY) The LMH6720 has a TTL logic compatible disable function. Apply a logic low (<.8V) to the DS pin and the LMH6720 is disabled. Apply a logic high (>2.0V), or let the pin float and the LMH6720 is enabled. Voltage, not current, at the Disable pin determines the enable/disable state. Care must be exercised to prevent the disable pin voltage from going more than .8V below the midpoint of the supply voltages (0V with split supplies, VCC/2 with single supplies) doing so could cause transistor Q1 to Zener resulting in damage to the disable circuit. The core amplifier is unaffected by this, but disable operation could become slower as a result. Copyright © 2002–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1 |
Similar Part No. - LMH6722SD |
|
Similar Description - LMH6722SD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |