Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2030 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA2030
Description  14 W hi-fi audio amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA2030_05 Datasheet HTML 6Page - STMicroelectronics TDA2030_05 Datasheet HTML 7Page - STMicroelectronics TDA2030_05 Datasheet HTML 8Page - STMicroelectronics TDA2030_05 Datasheet HTML 9Page - STMicroelectronics TDA2030_05 Datasheet HTML 10Page - STMicroelectronics TDA2030_05 Datasheet HTML 11Page - STMicroelectronics TDA2030_05 Datasheet HTML 12Page - STMicroelectronics TDA2030_05 Datasheet HTML 13Page - STMicroelectronics TDA2030_05 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Practical considerations
TDA2030
10/17
Doc ID 1458 Rev 3
4
Practical considerations
4.1
Printed circuit board
The layout shown in Figure 19 should be adopted by the designers. If different layouts are
used, the ground points of input 1 and input 2 must be well decoupled from the ground
return of the output in which a high current flows.
4.2
Assembly suggestion
No electrical isolation is needed between the package and the heatsink with single supply
voltage configuration.
4.3
Application suggestions
The recommended values of the components are those shown on application circuit of
Figure 16. However, if different values are chosen, then the following table can be helpful.
Table 5.
Variations from recommended values
Component
Recommanded
value
Purpose
Larger than
recommanded value
Smaller than
recommanded value
R1
22 k
Ω
Closed loop gain setting
Increase of gain
Decrease in gain(1)
R2
680
Ω
Closed loop gain setting
Decrease of gain(1)
Increase in gain
R3
22 k
Ω
Non-inverting input biasing
Increase of input
impedance
Decrease in input
impedance
R4
1
Ω
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads
R5
3 R2
Upper frequency cutoff
Poor high-frequency
attenuation
Danger of oscillation
C1
1 µF
Input DC decoupling
Increase in low-
frequency cutoff
C2
22 µF
Inverting input DC
decoupling
Increase in low-
frequency cutoff
C3C4
0.1 µF
Supply voltage bypass
Danger of oscillation
C5C6
100 µF
Supply voltage bypass
Danger of oscillation
C7
0.22 µF
Frequency stability
Danger of oscillation
C8
Upper frequency cutoff
Smaller bandwidth
Larger bandwidth
D1D2
1N4001
To protect the device against output voltage spikes
1.
Closed loop gain must be higher than 24 dB
1
2
πBR
1
------------------


Similar Part No. - TDA2030_05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results

Similar Description - TDA2030_05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
   18W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com