Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6714MA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6714MA
Description  LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6714MA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6714MA Datasheet HTML 6Page - Texas Instruments LMH6714MA Datasheet HTML 7Page - Texas Instruments LMH6714MA Datasheet HTML 8Page - Texas Instruments LMH6714MA Datasheet HTML 9Page - Texas Instruments LMH6714MA Datasheet HTML 10Page - Texas Instruments LMH6714MA Datasheet HTML 11Page - Texas Instruments LMH6714MA Datasheet HTML 12Page - Texas Instruments LMH6714MA Datasheet HTML 13Page - Texas Instruments LMH6714MA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
GAIN (V/V)
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RF = 400:
RF = 600:
RF = 147:
RF = 300:
AV = 2V/V
VOUT = 0.5VPP
LMH6714, LMH6720
LMH6722, LMH6722-Q1
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
APPLICATION SECTION
FEEDBACK RESISTOR SELECTION
One of the key benefits of a current feedback operational amplifier is the ability to maintain optimum frequency
response independent of gain by using appropriate values for the feedback resistor (RF). The Electrical
Characteristics and Typical Performance plots specify an RF of 300Ω, a gain of +2V/V and ±5V power supplies
(unless otherwise specified). Generally, lowering RF from it's recommended value will peak the frequency
response and extend the bandwidth while increasing the value of RF will cause the frequency response to roll off
faster. Reducing the value of RF too far below it's recommended value will cause overshoot, ringing and,
eventually, oscillation.
Figure 31. Frequency Response vs. RF
Figure 31 shows the LMH6714/LMH6720/LMH6722's frequency response as RF is varied (RL = 100Ω, AV = +2).
This plot shows that an RF of 147Ω results in peaking. An RF of 300Ω gives near maximal bandwidth and gain
flatness with good stability. An RF of 400Ω gives excellent stability with only a small bandwidth penalty. Since all
applications are slightly different it is worth some experimentation to find the optimal RF for a given circuit. Note
that it is not possible to use a current feedback amplifier with the output shorted directly to the inverting input.
The buffer configuration of the LMH6714/LMH6720/LMH6722 requires a 600
Ω feedback resistor for stable
operation.
For more information see Application Note OA-13 (SNOA366) which describes the relationship between RF and
closed-loop frequency response for current feedback operational amplifiers. The value for the inverting input
impedance for the LMH6714/LMH6720/LMH6722 is approximately 180
Ω. The LMH6714/LMH6720/LMH6722 is
designed for optimum performance at gains of +1 to +6 V/V and
−1 to −5V/V. When using gains of ±7V/V or
more the low values of RG required will make inverting input impedances very low.
When configuring the LMH6714/LMH6720/LMH6722 for gains other than +2V/V, it is usually necessary to adjust
the value of the feedback resistor. Figure 32 and Figure 33 provide recommended feedback resistor values for a
number of gain selections.
Figure 32. RF vs. Non-Inverting Gain
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Similar Part No. - LMH6714MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6714MA NSC-LMH6714MA Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6714MA TI-LMH6714MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714MA TI1-LMH6714MA Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714MA/NOPB TI1-LMH6714MA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714MAX NSC-LMH6714MAX Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6714MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com