Electronic Components Datasheet Search |
|
TZY2Z2R5A001 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd. |
|
TZY2Z2R5A001 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd. |
10 / 44 page Ceramic Trimmer Capacitors TZS2 Series in mm Tolerance: ±0.1 2.7 0.6 0.4 0.20 Depth Part Number C min. (max.) (pF) C max. (pF) TC Q Rated Voltage Withstanding Voltage TZS2Z060A001 3.0 6.0 +100/-0% NP0±300ppm/°C 500min. at 1MHz, Cmax. 25Vdc 55Vdc TZS2Z100A001 3.5 10.0 +100/-0% NP0±300ppm/°C 500min. at 1MHz, Cmax. 25Vdc 55Vdc TZS2R200A001 7.0 20.0 +100/-0% N750±500ppm/°C 500min. at 1MHz, Cmax. 25Vdc 55Vdc Insulation Resistance: 10000M ohm Torque: 0.5 to 5.0mNm Operating Temperature Range: -25 to +85°C Cover Metal Rotor Monolithic Stator c Construction T13E.pdf Aug.10,2012 8 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 2 c Features 1. Ultra-small and thin type with external dimensions of 2.2(W)x2.7(L)x0.95(H)mm (30% less in volume than the current product). 2. Unique construction with no plastic material provides superior soldering heat resistance to maintain excellent characteristic performance after reflow soldering. 3. Pierced square hole allows for high resistance to tuning force and in-process automatic adjustment. c Applications 1. Crystal oscillators 8. Remote keyless entry systems 2. Crystal filters 9. PHS 3. Hand radios 10. Radar detectors 4. Cordless telephones 11. W-LAN 5. Cellular telephones 12. Compact radios 6. Tuner packs 13. Headphone stereos 7. Pagers |
Similar Part No. - TZY2Z2R5A001 |
|
Similar Description - TZY2Z2R5A001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |