Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVZ3K471E01 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3K471E01
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3K471E01 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PVZ3K471E01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3K471E01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
R50E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
o Part Numbering
qProduct ID
Trimmer Potentiometers
PV
Trimmer Potentiometers
Product ID
(Part Number)
wSeries
eAdjustment Direction /Lead Type
Code
Series
Code
Adjustment Direction/
Lead Type
Z2
SMD Open 2mm Size
Carbon Resistive Element
A2
SMD Open 2mm Size
A
R
Top
A
Top
Rear
Z3
G3
M4
G5
SMD Open 3mm Size
Carbon Resistive Element
SMD Sealed 4mm Size
32
Lead Sealed 6mm Round
Single turn
12
Lead Sealed 7mm Round
4 turns
SMD Sealed 5mm Square
11 turns
SMD Sealed 3mm Size
A
A
A
A
H
H
N
P
T
G
Top
G
Top
Top
Top
Side
Top, Triangle
Side, Triangle
Top, Triangle
Side, Triangle
Top, J-hook
Top, Gull-wing
H
Top
K
Rear
36
37
Lead Sealed 10mm Square
25 turns
Lead Sealed 6mm Square
12 turns
W
X
W
X
Top, Inline
Side, Inline
Top, Triangle
Side, Triangle
rTotal Resistance
Expressed by three figures. The unit is ohm. The first and second
figures are significant digits, and the third figure expresses the
number of zeros that follow the two figures.
100
102
104
Ex.)
10
Ω
1000
Ω
100000
Ω (=100kΩ)
Code
Total Resistance
y
R00
e
A
t
C01
r
103
PV
q w
Z3
tIndividual Specification
Series
Code
Individual Specification Code
Standard Type
Standard Type (High-heat Resistance
Type/Ultra-thin Type)
PVA2
PVZ2
A01
C04
Standard Type (High-heat Resistance
Type/Top Adjustment)
High Characteristic Carbon
Type (only PVZ3G)
High-heat Resistance Type
(for Rear Adjustment)
PVZ3
C01
F01
E01
Standard Type
High-reliability Type
PVM4
C01
D01
Standard Type
PV32/PV12
PVG5
A01
Standard Type
C03
Standard Type
C01
PVG3/
PV36/PV37
yPackaging
Bulk
Reel
Code
Packaging
B00
R00


Similar Part No. - PVZ3K471E01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3K471E01B00 MURATA-PVZ3K471E01B00 Datasheet
200Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3K471E01B00 MURATA1-PVZ3K471E01B00 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K471E01B00 MURATA1-PVZ3K471E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3K471E01R00 MURATA-PVZ3K471E01R00 Datasheet
198Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3K471E01R00 MURATA1-PVZ3K471E01R00 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results

Similar Description - PVZ3K471E01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3A103C01B00 MURATA-PVZ3A103C01B00 Datasheet
1Mb / 55P
   SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
Panasonic Semiconductor
EVM31G PANASONIC-EVM31G Datasheet
74Kb / 2P
   6mm Size Ceramic Trimmer Potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com