Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS_X Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # CSTLS_X
Description  Ceramic Resonators (CERALOCK)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS_X Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CSTLS_X Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTLS_X Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Ceramic Resonators (CERALOCK
r)
MHz Chip Type -Tight Frequency Tolerance for Automotive-
Chip type CERALOCK(R) with built-in load capacitors
provides high accuracy in an extremely small package.
MURATA's frequency adjustment and package technology
expertise has enabled the development of the chip
CERALOCK(R) with built-in load capacitors.
This diverse series owes its development to MURATA's
original mass production techniques and high reliability,
and has achieved importance in the worldwide automotive
market.
c Features
1. The series are high accuracy resonators whose total
tolerance is available for less than ±3,000ppm.
2. The series has high reliability and is available
for a wide temperature range.
3. Oscillation circuits do not require external load
capacitors.
4. The series is available for a wide frequency range.
5. The resonators are extremely small and have a low
profile.
6. No adjustment is necessary for oscillation circuits.
c Applications
1. Cluster panel and Control panel
2. Safety control
(Anti-lock Brake System, Electronic Stability
Control, Airbag, etc.)
3. Engine ECU, Electronic Power Steering, Immobilizer,
etc.
4. Car Air conditioner, Power Window, Remote Keyless
Entry system, etc.
5. Intelligent Transportation System
(Lane Keeping System, Millimeter wave radar, etc.)
6. Battery control for hybrid cars
4.5±0.1
4.1 max.
0.4 (ref.)
0.4±0.1
0.4±0.1
0.4±0.1
(3)
(2)
(1)
0.6±0.05
0.75±0.1
1.5±0.1
1.5±0.1
0.4 (ref.)
0.4 (ref.)
0.2±0.2
: EIAJ Monthly
Code
(in mm)
CSTCR_G15C
4.00-7.99MHz
3.2±0.15
0.50 (ref.)
0.50 (ref.)
0.50 (ref.)
3.0 max.
0.4±0.1
0.4±0.1
1.2±0.1 1.2±0.1
(1)
(2)
(3)
0.1±0.1
0.4±0.1
0.4±0.1 0.4±0.1
(in mm)
: EIAJ Monthly
Code
CSTCE_G15C
8.00-13.99MHz
3.2±0.15
0.1±0.1
0.4±0.1
0.5 (ref.)
0.5 (ref.)
3.0 max.
0.4±0.1
(1)
(2)
(3)
0.4±0.1
1.2±0.1 1.2±0.1
0.4±0.1
0.4±0.1
0.5 (ref.)
(in mm)
: EIAJ Monthly
Code
CSTCE_V13C
14.00-20.00MHz
Part Number
Oscillating
Frequency
(MHz)
Initial
Tolerance
Temperature Stability
(%)
Temperature
Range
(°C)
CSTCR_G15C
4.00 to 7.99
±0.1%
±0.13
-40 to 125
CSTCE_G15C
8.00 to 13.99
±0.1%
±0.13
-40 to 125
CSTCE_V13C
14.00 to 20.00
±0.1%
±0.13
-40 to 125
Irregular or stopped oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use.
P16E.pdf
Nov.22,2012
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - CSTLS_X

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS10M0G53-A0 MURATA-CSTLS10M0G53-A0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
logo
Murata Manufacturing Co...
CSTLS10M0G53-A0 MURATA1-CSTLS10M0G53-A0 Datasheet
341Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
March 28, 2017
CSTLS10M0G53-A0 MURATA1-CSTLS10M0G53-A0_V01 Datasheet
341Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
March 28, 2017
logo
Murata Manufacturing Co...
CSTLS10M0G53-B0 MURATA-CSTLS10M0G53-B0 Datasheet
722Kb / 32P
   Ceramic Resonator
CSTLS10M0G53-B0 MURATA-CSTLS10M0G53-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
More results

Similar Description - CSTLS_X

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS8M00G53-A0 MURATA-CSTLS8M00G53-A0 Datasheet
728Kb / 32P
   Ceramic Resonator (CERALOCK)
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com