Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLW21HN670HQ2L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DLW21HN670HQ2L
Description  Common Mode Choke Coil Wire Wound Type DLW21H Series (0805 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW21HN670HQ2L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW21HN670HQ2L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW21HN670HQ2L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type
2013.3.7
oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
Common Mode Choke Coil Wire Wound Type
DLW21H Series (0805 Size)
c Dimensions
(in mm)
: Electrode
1.2±0.2
2.0±0.2
(0.45)
(1)
(2)
(0.45)
(4)
(3)
c Impedance-Frequency Characteristics (Main Items)
Frequency (MHz)
0.1
1
10
100
1000
10000
1
10
100
1000
Common mode
Differential mode
DLW21HN670SQ2
DLW21HN121SQ2
DLW21HN900SQ2
DLW21HN670SQ2
DLW21HN121SQ2
DLW21HN900SQ2
DLW21HN181SQ2
DLW21HN181SQ2
c Impedance-Frequency Characteristics (Main Items)
Frequency (MHz)
0.1
1
10
100
1000
10000
1
10
100
1000
Differential mode
Common mode
DLW21HN121HQ2
DLW21HN900HQ2
DLW21HN670HQ2
DLW21HN670HQ2
DLW21HN900HQ2
DLW21HN121HQ2
c Equivalent Circuit
(1)
(4)
(2)
(3)
No polarity.
c Differential Mode Transmission Characteristics (Typ.)
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLW21HN670HQ2
DLW21HN900HQ2
DLW21HN121HQ2
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
3000
B
Bulk(Bag)
500
Continued on the following page.


Similar Part No. - DLW21HN670HQ2L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW21HN670HQ2L MURATA1-DLW21HN670HQ2L Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/20
More results

Similar Description - DLW21HN670HQ2L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW21SN501SK2L MURATA-DLW21SN501SK2L Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21S Series (0805 Size)
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
   Wire wound type common mode choke
logo
Murata Manufacturing Co...
DLW5BTN101SQ2L MURATA-DLW5BTN101SQ2L Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
DLW5AHN402SQ2L MURATA-DLW5AHN402SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current(2014/2020 Size)
DLW5BSN191SQ2L MURATA-DLW5BSN191SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
   WIRE- WOUND COMMON MODE CHOKE
logo
Cyntec Co., Ltd.
CYNVF-172-001 CYNTEC-CYNVF-172-001 Datasheet
947Kb / 6P
   Wire-wound Common Mode Choke VFB4532 Series
logo
Murata Manufacturing Co...
DLP0NSN900HL2L MURATA-DLP0NSN900HL2L Datasheet
95Kb / 2P
   Common Mode Choke Coil Film Type DLP0NS Series (03025 Size)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com