Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21BD331SN1D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM21BD331SN1D
Description  EMIFIL (Inductor type) Chip Ferrite Bead BLM21B Series (0805 Size)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21BD331SN1D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM21BD331SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21BD331SN1D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
EMIFIL
r (Inductor type) Chip Ferrite Bead
BLM21B Series (0805 Size)
c Dimensions
2.0±0.2
E
1.25±0.2
(in mm)
: Electrode
Part Number
T
BLM21B
(exclude items below)
0.85±0.2
BLM21BD222SN1 1.25±0.2
BLM21BD272SN1 1.25±0.2
E
0.5±0.2
0.5±0.2
0.3±0.2
c Equivalent Circuit
(Resistance element becomes dominant
at high frequencies.)
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
Code
BLM21BD222SN1/21BD272SN1
L
180mm Plastic Tape
3000
K
330mm Plastic Tape
10000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM21BD121SN1
p
120ohm ±25%
-
200mA
0.25ohm max.
-55 to +125°C
BLM21BD151SN1
p
150ohm ±25%
-
200mA
0.25ohm max.
-55 to +125°C
BLM21BD221SN1
p
220ohm ±25%
-
200mA
0.25ohm max.
-55 to +125°C
BLM21BD331SN1
p
330ohm ±25%
-
200mA
0.30ohm max.
-55 to +125°C
BLM21BD421SN1
p
420ohm ±25%
-
200mA
0.30ohm max.
-55 to +125°C
BLM21BD471SN1
p
470ohm ±25%
-
200mA
0.35ohm max.
-55 to +125°C
BLM21BD601SN1
p
600ohm ±25%
-
200mA
0.35ohm max.
-55 to +125°C
BLM21BD751SN1
p
750ohm ±25%
-
200mA
0.40ohm max.
-55 to +125°C
BLM21BD102SN1
p
1000ohm ±25%
-
200mA
0.40ohm max.
-55 to +125°C
BLM21BD152SN1
p
1500ohm ±25%
-
200mA
0.45ohm max.
-55 to +125°C
BLM21BD182SN1
p
1800ohm ±25%
-
200mA
0.50ohm max.
-55 to +125°C
BLM21BD222TN1
p
2200ohm ±25%
-
200mA
0.60ohm max.
-55 to +125°C
BLM21BD222SN1
p
2250ohm (Typ.)
-
200mA
0.60ohm max.
-55 to +125°C
BLM21BD272SN1
p
2700ohm ±25%
-
200mA
0.80ohm max.
-55 to +125°C
BLM21BB050SN1
p
5ohm ±25%
-
1000mA
0.02ohm max.
-55 to +125°C
BLM21BB600SN1
p
60ohm ±25%
-
800mA
0.13ohm max.
-55 to +125°C
BLM21BB750SN1
p
75ohm ±25%
-
700mA
0.16ohm max.
-55 to +125°C
BLM21BB121SN1
p
120ohm ±25%
-
600mA
0.19ohm max.
-55 to +125°C
BLM21BB151SN1
p
150ohm ±25%
-
600mA
0.21ohm max.
-55 to +125°C
BLM21BB201SN1
p
200ohm ±25%
-
500mA
0.26ohm max.
-55 to +125°C
Number of Circuits: 1
Continued on the following page.


Similar Part No. - BLM21BD331SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD331SN1D MURATA-BLM21BD331SN1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM21BD331SN1D MURATA1-BLM21BD331SN1D Datasheet
324Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
BLM21BD331SN1D MURATA1-BLM21BD331SN1D Datasheet
330Kb / 10P
   Chip Ferrite Bead
BLM21BD331SN1D MURATA1-BLM21BD331SN1D Datasheet
330Kb / 10P
   Chip Ferrite Bead BLM21
More results

Similar Description - BLM21BD331SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AG121SN1D MURATA-BLM21AG121SN1D Datasheet
112Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com