Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD48L35 Datasheet(PDF) 5 Page - Rohm

Part # BD48L35
Description  Standard CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD48L35 Datasheet(HTML) 5 Page - Rohm

  BD48L35 Datasheet HTML 1Page - Rohm BD48L35 Datasheet HTML 2Page - Rohm BD48L35 Datasheet HTML 3Page - Rohm BD48L35 Datasheet HTML 4Page - Rohm BD48L35 Datasheet HTML 5Page - Rohm BD48L35 Datasheet HTML 6Page - Rohm BD48L35 Datasheet HTML 7Page - Rohm BD48L35 Datasheet HTML 8Page - Rohm BD48L35 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Datasheet
5/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
Lineup - continued
Table 2. Lineup for SSOF3(1pin GND) and SSOP3(3pin GND) Package
Package Type
SSOP3(1pin GND)
SSOP3(3pin GND)
Output Type
Open Drain
CMOS
Open Drain
CMOS
Detection
Voltage
Marking
Part Number
Marking
Part Number
Marking
Part Number
Marking
Part Number
6.0V
Cm
BD48K60
Ff
BD49K60
Kb
BD48L60
Np
BD49L60
5.9V
Ck
BD48K59
Fe
BD49K59
Ka
BD48L59
Nn
BD49L59
5.8V
Ch
BD48K58
Fd
BD49K58
Hy
BD48L58
Nm
BD49L58
5.7V
Cg
BD48K57
Fc
BD49K57
Hr
BD48L57
Nk
BD49L57
5.6V
Cf
BD48K56
Fb
BD49K56
Hp
BD48L56
Nh
BD49L56
5.5V
Ce
BD48K55
Fa
BD49K55
Hn
BD48L55
Ng
BD49L55
5.4V
Cd
BD48K54
Ey
BD49K54
Hm
BD48L54
Nf
BD49L54
5.3V
Cc
BD48K53
Er
BD49K53
Hk
BD48L53
Ne
BD49L53
5.2V
Cb
BD48K52
Ep
BD49K52
Hh
BD48L52
Nd
BD49L52
5.1V
Ca
BD48K51
En
BD49K51
Hg
BD48L51
Nc
BD49L51
5.0V
By
BD48K50
Em
BD49K50
Hf
BD48L50
Nb
BD49L50
4.9V
Br
BD48K49
Ek
BD49K49
He
BD48L49
Na
BD49L49
4.8V
Bp
BD48K48
Eh
BD49K48
Hd
BD48L48
My
BD49L48
4.7V
Bn
BD48K47
Eg
BD49K47
Hc
BD48L47
Mr
BD49L47
4.6V
Bm
BD48K46
Ef
BD49K46
Hb
BD48L46
Mp
BD49L46
4.5V
Bk
BD48K45
Ee
BD49K45
Ha
BD48L45
Mn
BD49L45
4.4V
Bh
BD48K44
Ed
BD49K44
Gy
BD48L44
Mm
BD49L44
4.3V
Bg
BD48K43
Ec
BD49K43
Gr
BD48L43
Mk
BD49L43
4.2V
Bf
BD48K42
Eb
BD49K42
Gp
BD48L42
Mh
BD49L42
4.1V
Be
BD48K41
Ea
BD49K41
Gn
BD48L41
Mg
BD49L41
4.0V
Bd
BD48K40
Dy
BD49K40
Gm
BD48L40
Mf
BD49L40
3.9V
Bc
BD48K39
Dr
BD49K39
Gk
BD48L39
Me
BD49L39
3.8V
Bb
BD48K38
Dp
BD49K38
Gh
BD48L38
Md
BD49L38
3.7V
Ba
BD48K37
Dn
BD49K37
Gg
BD48L37
Mc
BD49L37
3.6V
Ay
BD48K36
Dm
BD49K36
Gf
BD48L36
Mb
BD49L36
3.5V
Ar
BD48K35
Dk
BD49K35
Ge
BD48L35
Ma
BD49L35
3.4V
Ap
BD48K34
Dh
BD49K34
Gd
BD48L34
Ky
BD49L34
3.3V
An
BD48K33
Dg
BD49K33
Gc
BD48L33
Kr
BD49L33
3.2V
Am
BD48K32
Df
BD49K32
Gb
BD48L32
Kp
BD49L32
3.1V
Ak
BD48K31
De
BD49K31
Ga
BD48L31
Kn
BD49L31
3.0V
Ah
BD48K30
Dd
BD49K30
Fy
BD48L30
Km
BD49L30
2.9V
Ag
BD48K29
Dc
BD49K29
Fr
BD48L29
Kk
BD49L29
2.8V
Af
BD48K28
Db
BD49K28
Fp
BD48L28
Kh
BD49L28
2.7V
Ae
BD48K27
Da
BD49K27
Fn
BD48L27
Kg
BD49L27
2.6V
Ad
BD48K26
Cy
BD49K26
Fm
BD48L26
Kf
BD49L26
2.5V
Ac
BD48K25
Cr
BD49K25
Fk
BD48L25
Ke
BD49L25
2.4V
Ab
BD48K24
Cp
BD49K24
Fh
BD48L24
Kd
BD49L24
2.3V
Aa
BD48K23
Cn
BD49K23
Fg
BD48L23
Kc
BD49L23


Similar Part No. - BD48L35

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48L35G ROHM-BD48L35G Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48L35G-TL ROHM-BD48L35G-TL Datasheet
509Kb / 19P
   Standard CMOS Voltage Detector IC
BD48L35G-TL ROHM-BD48L35G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48L35G-TL ROHM-BD48L35G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48L35G-TL ROHM-BD48L35G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
More results

Similar Description - BD48L35

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com