Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA11N90 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQA11N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA11N90 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQA11N90 Datasheet HTML 1Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 2Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 3Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 4Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 5Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 6Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 7Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
September 2000
Rev. A, September 2000
QFET
QFET
QFET
QFETTM
FQA11N90
900V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply.
Features
• 11.4A, 900V, RDS(on) = 0.96 Ω @ VGS = 10 V
• Low gate charge ( typical 72 nC)
• Low Crss ( typical 30 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQA11N90
Units
VDSS
Drain-Source Voltage
900
V
ID
Drain Current
- Continuous (TC = 25°C)
11.4
A
- Continuous (TC = 100°C)
7.2
A
IDM
Drain Current
- Pulsed
(Note 1)
45.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1000
mJ
IAR
Avalanche Current
(Note 1)
11.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
30
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
300
W
- Derate above 25°C
2.38
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.42
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-3P
FQA Series
G
S
D


Similar Part No. - FQA11N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
816Kb / 9P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA11N90 ISC-FQA11N90 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA11N90-F109 FAIRCHILD-FQA11N90-F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQA11N90C FAIRCHILD-FQA11N90C Datasheet
707Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - FQA11N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com