Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USBULC1606-4M8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # USBULC1606-4M8
Description  Ultra low capacitance ESD protection for enhanced mini USB interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC1606-4M8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button USBULC1606-4M8 Datasheet HTML 6Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 7Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 8Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 9Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 10Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 11Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 12Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 13Page - STMicroelectronics USBULC1606-4M8 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package information
USBULC1606-4M8
10/15
Doc ID 16864 Rev 1
Figure 21.
Micro QFN-8L tape and reel specifications
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
Figure 19.
Foot print recommendations
(dimensions in mm)
Figure 20.
Marking
0.4
0.2
0.45
0.225
1.4
1.75
0.4
1.2
Pin 1
16
Pin 1
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
Ø 1.55 ± 0.05
0.60 ± 0.05
1.60 ± 0.10
0.30 ± 0.05
16
16
16
16
16
16
16
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - USBULC1606-4M8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
193Kb / 8P
   Dual ultra low capacitance protection for high speed USB
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
199Kb / 9P
   2-line IPAD, ultra low capacitance protection for high speed USB
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3_08 Datasheet
199Kb / 9P
   2-line IPAD, ultra low capacitance protection for high speed USB
USBULC6-2F4 STMICROELECTRONICS-USBULC6-2F4 Datasheet
310Kb / 8P
   2-line, ultralow capacitance protection in 0.3 mm pitch
December 2013 Rev 1
USBULC6-2F7 STMICROELECTRONICS-USBULC6-2F7 Datasheet
275Kb / 9P
   2-line Transil??ultralow capacitance protection for high speed USB
December 2013 Rev 1
More results

Similar Description - USBULC1606-4M8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBP01-5M8 STMICROELECTRONICS-USBP01-5M8 Datasheet
302Kb / 12P
   ESD protection for enhanced micro USB interface
June 2012 Rev 1
logo
Littelfuse
SP3011 LITTELFUSE-SP3011 Datasheet
265Kb / 6P
   Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
logo
First Silicon Co., Ltd
FPD2E1B06DRLR FS-FPD2E1B06DRLR Datasheet
313Kb / 4P
   Ultra low capacitance ESD Protection for Ethernetports
2022. 06. 24 Revision No : 0
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
   Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com