Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC38C45YM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC38C45YM
Description  BiCMOS Current-Mode PWM Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C45YM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC38C45YM Datasheet HTML 3Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 4Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 5Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 6Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 7Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 8Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 9Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 10Page - Micrel Semiconductor MIC38C45YM Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
M9999-091107
8
September 2007
Symbol
Custom Coil1
ETS2
CT1
4923
ETS 92420
T1
4924
ETS 92419
L1
4925
ETS 92421
1. Custom Coils, Alcester, SD tel: (605) 934-2460
2. Energy Transformation Systems, Inc. tel: (415) 324-4949.
Test
Conditions
Results
Line Regulation VIN = 26V to 80V, IO = 2A
0.5%
Load Regulation VIN = 48V, IO = 0.2A to 2A
0.6%
Efficiency
VIN = 48V, IO = 2A
90%
Output Ripple
VIN = 48V, IO = 2A (20MHz BW)
100mV
Synchronous Buck Converter
Refertofigure2. ThisMIC38C43synchronousbuckconverter
uses an MIC5022 half-bridge driver to alternately drive the
PWMswitchMOSFET(drivenbyGATEH,orhigh-sideoutput)
and a MOSFET which functions as a synchronous rectifier
(driven by the GATEL, or low-side output).
The low-side MOSFET turns on when the high-side MOS-
FET is off, allowing current to return from ground. Current
flows through the low-side MOSFET in the source to drain
direction.
The on-state voltage drop of the low-side MOSFET is lower
than the forward voltage drop of an equivalent Schottky recti-
fier. This lower voltage drop results in higher efficiency.
A sense resistor (5mΩ) is connected to the driver’s high-
side current sense inputs to provide overcurrent protection.
Refer to the MIC5020, MIC5021, and MIC5022 data sheets
for more information.
Figure 2. 100kHz, Synchronous Buck Converter
MIC38C43
0.1µF
300k
4.3k
VOUT
5V, 8A
0.15µF
35µH
1000µF
Low ESR
0.1µF
SMP60N06-14
VDD
V R E F
GND
COM P
VOUT
RT/CT
F B
I S N S
4.7nF
10k
10k
6.8k
47k
3.3k
2200
pF
470µF
25V
MIC5022
VB
GAT E H
SH+
GAT E L
SH–
SL+
C T
GND
E N
FLT
VDD
+12V
5mΩ
0.1µF*
MKS2
*Locate near the MIC38C43 supply pins.
NC
NC
IN
NC
S L–


Similar Part No. - MIC38C45YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C45YM MICREL-MIC38C45YM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C45YM MICROCHIP-MIC38C45YM Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
MIC38C45YM-TR MICROCHIP-MIC38C45YM-TR Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C45YMM MICREL-MIC38C45YMM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C45YMM MICROCHIP-MIC38C45YMM Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
More results

Similar Description - MIC38C45YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com