Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN15NG00D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN15NG00D
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN15NG00D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQW15AN15NG00D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN15NG00D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN15NG00D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN15NG00D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
2012.9.6
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Test Frequency Rated Current
Max. of DC Resistance Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQW15AN15NJ00
p
15nH ±5%
100MHz
460mA
0.16ohm
30
250MHz
5.0GHz
LQW15AN16NG00
p 16nH ±2%
100MHz
370mA
0.24ohm
25
250MHz
4.5GHz
LQW15AN16NH00
p
16nH ±3%
100MHz
370mA
0.24ohm
25
250MHz
4.5GHz
LQW15AN16NJ00
p
16nH ±5%
100MHz
370mA
0.24ohm
25
250MHz
4.5GHz
LQW15AN18NG00
p 18nH ±2%
100MHz
370mA
0.27ohm
25
250MHz
4.5GHz
LQW15AN18NH00
p
18nH ±3%
100MHz
370mA
0.27ohm
25
250MHz
4.5GHz
LQW15AN18NJ00
p
18nH ±5%
100MHz
370mA
0.27ohm
25
250MHz
4.5GHz
LQW15AN19NG00
p 19nH ±2%
100MHz
370mA
0.27ohm
25
250MHz
4.5GHz
LQW15AN19NH00
p
19nH ±3%
100MHz
370mA
0.27ohm
25
250MHz
4.5GHz
LQW15AN19NJ00
p
19nH ±5%
100MHz
370mA
0.27ohm
25
250MHz
4.5GHz
LQW15AN20NG00
p 20nH ±2%
100MHz
370mA
0.27ohm
25
250MHz
4.0GHz
LQW15AN20NH00
p
20nH ±3%
100MHz
370mA
0.27ohm
25
250MHz
4.0GHz
LQW15AN20NJ00
p
20nH ±5%
100MHz
370mA
0.27ohm
25
250MHz
4.0GHz
LQW15AN22NG00
p 22nH ±2%
100MHz
310mA
0.30ohm
25
250MHz
4.0GHz
LQW15AN22NH00
p
22nH ±3%
100MHz
310mA
0.30ohm
25
250MHz
4.0GHz
LQW15AN22NJ00
p
22nH ±5%
100MHz
310mA
0.30ohm
25
250MHz
4.0GHz
LQW15AN23NG00
p 23nH ±2%
100MHz
310mA
0.30ohm
25
250MHz
3.8GHz
LQW15AN23NH00
p
23nH ±3%
100MHz
310mA
0.30ohm
25
250MHz
3.8GHz
LQW15AN23NJ00
p
23nH ±5%
100MHz
310mA
0.30ohm
25
250MHz
3.8GHz
LQW15AN24NG00
p 24nH ±2%
100MHz
280mA
0.52ohm
25
250MHz
3.5GHz
LQW15AN24NH00
p
24nH ±3%
100MHz
280mA
0.52ohm
25
250MHz
3.5GHz
LQW15AN24NJ00
p
24nH ±5%
100MHz
280mA
0.52ohm
25
250MHz
3.5GHz
LQW15AN27NG00
p 27nH ±2%
100MHz
280mA
0.52ohm
25
250MHz
3.5GHz
LQW15AN27NH00
p
27nH ±3%
100MHz
280mA
0.52ohm
25
250MHz
3.5GHz
LQW15AN27NJ00
p
27nH ±5%
100MHz
280mA
0.52ohm
25
250MHz
3.5GHz
LQW15AN30NG00
p 30nH ±2%
100MHz
270mA
0.58ohm
25
250MHz
3.3GHz
LQW15AN30NH00
p
30nH ±3%
100MHz
270mA
0.58ohm
25
250MHz
3.3GHz
LQW15AN30NJ00
p
30nH ±5%
100MHz
270mA
0.58ohm
25
250MHz
3.3GHz
LQW15AN33NG00
p 33nH ±2%
100MHz
260mA
0.63ohm
25
250MHz
3.2GHz
LQW15AN33NH00
p
33nH ±3%
100MHz
260mA
0.63ohm
25
250MHz
3.2GHz
LQW15AN33NJ00
p
33nH ±5%
100MHz
260mA
0.63ohm
25
250MHz
3.2GHz
LQW15AN36NG00
p 36nH ±2%
100MHz
260mA
0.63ohm
25
250MHz
3.1GHz
LQW15AN36NH00
p
36nH ±3%
100MHz
260mA
0.63ohm
25
250MHz
3.1GHz
LQW15AN36NJ00
p
36nH ±5%
100MHz
260mA
0.63ohm
25
250MHz
3.1GHz
LQW15AN39NG00
p 39nH ±2%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN39NH00
p
39nH ±3%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN39NJ00
p
39nH ±5%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN40NG00
p 40nH ±2%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN40NH00
p
40nH ±3%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN40NJ00
p
40nH ±5%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN43NG00
p 43nH ±2%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN43NH00
p
43nH ±3%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN43NJ00
p
43nH ±5%
100MHz
250mA
0.70ohm
25
250MHz
3.0GHz
LQW15AN47NG00
p 47nH ±2%
100MHz
210mA
1.08ohm
25
200MHz
2.9GHz
LQW15AN47NH00
p
47nH ±3%
100MHz
210mA
1.08ohm
25
200MHz
2.9GHz
Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN15NG00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN15NG00D MURATA-LQW15AN15NG00D Datasheet
76Kb / 2P
   Inductance
More results

Similar Description - LQW15AN15NG00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR12J00D MURATA-LQW18ANR12J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN2N2D00D MURATA-LQW18AN2N2D00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com