Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM18KG101TN1J Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM18KG101TN1J
Description  EMIFIL (Inductor type) Chip Ferrite Bead BLM18K Series (0603 Size)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18KG101TN1J Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM18KG101TN1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18KG101TN1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18KG101TN1J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18KG101TN1J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2012.1.10
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM18KG300TN1
1
10
100
1000
3000
Frequency (MHz)
0
40
30
20
10
Z
R
X
c Impedance-Frequency Characteristics
BLM18KG700TN1
1
10
100
1000
3000
Frequency (MHz)
0
100
75
50
25
Z
R
X
c Impedance-Frequency Characteristics
BLM18KG101TN1
1
10
100
1000
3000
Frequency (MHz)
0
200
150
100
50
Z
R
X
c Impedance-Frequency Characteristics
BLM18KG121TN1
1
10
100
1000
3000
Frequency (MHz)
0
200
150
100
50
Z
R
X
c Impedance-Frequency Characteristics
BLM18KG221SN1
1
10
100
1000
3000
Frequency (MHz)
0
400
300
200
100
Z
R
X
c Impedance-Frequency Characteristics
BLM18KG331SN1
1
10
100
1000
3000
Frequency (MHz)
0
600
450
300
150
Z
R
X
Continued on the following page.


Similar Part No. - BLM18KG101TN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18KG101TN1J MURATA1-BLM18KG101TN1J Datasheet
291Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
More results

Similar Description - BLM18KG101TN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18PG300SN1D MURATA-BLM18PG300SN1D Datasheet
126Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM18HG471SN1D MURATA-BLM18HG471SN1D Datasheet
228Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15BD750SN1D MURATA-BLM15BD750SN1D Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
BLM41PG600SN1L MURATA-BLM41PG600SN1L_12 Datasheet
160Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com