Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC332DD72W683KX01L Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GC332DD72W683KX01L
Description  Explanation of Symbols in This Catalog AEC-Q200 compliant product
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC332DD72W683KX01L Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GC332DD72W683KX01L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GC332DD72W683KX01L Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Capacitance Table
0.6×
0.3
L×W (mm)
0.33
T max. (mm)
Rated Voltage (Vdc)
25
C0G
1.0×
0.5
0.55
50
C0G
0.7
100
C0G
50
C0G
0.95
50
C0G
1.0
250
U2J
1.4
50
C0G
1.45
250
U2J
0.95
100
C0G
50
C0G
1000
U2J
1.0
630
U2J
250
U2J
1000
U2J
1.25
630
U2J
250
U2J
50
C0G
1000
U2J
1.8
630
U2J
3.2×2.5
1.0
630
U2J
1.25
1000
U2J
630
U2J
1.5
1000
U2J
630
U2J
1.6×0.8
2.0×1.25
3.2×1.6
0.9
100
C0G
50
C0G
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p18
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
p19
Cap. / TC Code
1.0pF
2.0pF
3.0pF
4.0pF
5.0pF
6.0pF
7.0pF
8.0pF
9.0pF
10pF
12pF
15pF
18pF
22pF
27pF
33pF
39pF
47pF
56pF
68pF
82pF
100pF
120pF
150pF
180pF
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
1200pF
1500pF
1800pF
2200pF
2700pF
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
10000pF
12000pF
15000pF
18000pF
22000pF
27000pF
33000pF
39000pF
47000pF
56000pF
c GCM Series Temperature Compensating Type
p00
Part Number List
C0G U2J
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6


Similar Part No. - GC332DD72W683KX01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GC332DD72W683KX01L MURATA-GC332DD72W683KX01L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results

Similar Description - GC332DD72W683KX01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog
C02E MURATA-C02E Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
   AEC-Q200 Compliant
logo
Rohm
MNR02 ROHM-MNR02_12 Datasheet
180Kb / 7P
   Chip Resistor Networks Automotive product is AEC-Q200 compliant.
MCR004_1211 ROHM-MCR004_1211 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
logo
Bourns Electronic Solut...
CRXXXXA BOURNS-CRXXXXA Datasheet
691Kb / 11P
   CRxxxxA - AEC-Q200 Compliant Chip Resistors
CRXXXXA-AS BOURNS-CRXXXXA-AS Datasheet
661Kb / 11P
   Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
CR-A BOURNS-CR-A Datasheet
263Kb / 11P
   CR-A Series - AEC-Q200 Compliant Chip Resistors
REV. 08/21
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
   AEC-Q200 qualified
12.09.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com