Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN5N1D10B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN5N1D10B
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN5N1D10B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQW15AN5N1D10B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN5N1D10B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
0.6
±0.1
1.0
±0.1
0.2
±0.1
0.2
±0.1
(in mm)
0.5
±0.1
Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15A_10 Series (High Q/Low DC Resistance Type) (0402 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
10000
B
Bulk(Bag)
500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQW15AN1N3C10p
1.3nH
±0.2nH
100MHz
1200mA
0.017ohm
20
250MHz
16.0GHz
LQW15AN1N3D10p
1.3nH
±0.5nH
100MHz
1200mA
0.017ohm
20
250MHz
16.0GHz
LQW15AN2N2C10p
2.2nH
±0.2nH
100MHz
1000mA
0.027ohm
25
250MHz
14.0GHz
LQW15AN2N2D10p
2.2nH
±0.5nH
100MHz
1000mA
0.027ohm
25
250MHz
14.0GHz
LQW15AN2N4D10p
2.4nH
±0.5nH
100MHz
1000mA
0.027ohm
25
250MHz
14.0GHz
LQW15AN3N3D10p
3.3nH
±0.5nH
100MHz
900mA
0.040ohm
30
250MHz
12.0GHz
LQW15AN3N4C10p
3.4nH
±0.2nH
100MHz
900mA
0.040ohm
30
250MHz
12.0GHz
LQW15AN3N4D10p
3.4nH
±0.5nH
100MHz
900mA
0.040ohm
30
250MHz
12.0GHz
LQW15AN3N6C10p
3.6nH
±0.2nH
100MHz
900mA
0.040ohm
30
250MHz
9.5GHz
LQW15AN3N6D10p
3.6nH
±0.5nH
100MHz
900mA
0.040ohm
30
250MHz
9.5GHz
LQW15AN3N9D10p
3.9nH
±0.5nH
100MHz
900mA
0.040ohm
30
250MHz
7.0GHz
LQW15AN4N7D10p
4.7nH
±0.5nH
100MHz
800mA
0.051ohm
30
250MHz
8.0GHz
LQW15AN5N1C10p
5.1nH
±0.2nH
100MHz
800mA
0.051ohm
30
250MHz
8.0GHz
LQW15AN5N1D10p
5.1nH
±0.5nH
100MHz
800mA
0.051ohm
30
250MHz
8.0GHz
LQW15AN5N6C10p
5.6nH
±0.2nH
100MHz
800mA
0.051ohm
30
250MHz
8.0GHz
LQW15AN5N6D10p
5.6nH
±0.5nH
100MHz
800mA
0.051ohm
30
250MHz
8.0GHz
Operating Temperature Range: -55
°C to +125°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN5N1D10B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN5N1D10B MURATA-LQW15AN5N1D10B Datasheet
75Kb / 2P
   Inductance
More results

Similar Description - LQW15AN5N1D10B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N5B00D MURATA-LQW15AN1N5B00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR12J00D MURATA-LQW18ANR12J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN2N2D00D MURATA-LQW18AN2N2D00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com