Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7806-2000 Datasheet(PDF) 1 Page - CUI INC

Part # V7806-2000
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7806-2000 Datasheet(HTML) 1 Page - CUI INC

  V7806-2000 Datasheet HTML 1Page - CUI INC V7806-2000 Datasheet HTML 2Page - CUI INC V7806-2000 Datasheet HTML 3Page - CUI INC V7806-2000 Datasheet HTML 4Page - CUI INC V7806-2000 Datasheet HTML 5Page - CUI INC V7806-2000 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date
09/06/2012
page
1 of 6
SERIES:
V78XX-2000 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date
09/06/2012
page
1 of 6
FEATURES
• 2 A current output
• extremely high efficiency up to 92%
• no heat sink required
• pin compatible to LM78XX linear regulators
• available in straight and right angle SIP packages
• low ripple and noise
• short circuit protection, thermal shutdown
• wide temperature (-40~85°C)
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
max
(mA)
max
(W)
max
(mVp-p)
Vin min
(%)
Vin max
(%)
V7802-2000
12
4.75~18
2.5
2,000
5
45
85
83
V7803-2000
12
4.75~18
3.3
2,000
6.6
45
87
86
V7805-2000
12
6.5~18
5
2,000
10
45
91
88
V7806-2000
12
8~18
6.5
2,000
13
45
92
91
Notes:
1. ripple and noise are measured at 20 MHz BW
V78 XX - 2000 X
Output Voltage
Output Current
Base Number
"blank" = straight pins
R = 90° pins


Similar Part No. - V7806-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7806-2000 CUI-V7806-2000 Datasheet
805Kb / 5P
   DC SWITCHING REGULATOR, NON-ISOLATED
V7806-2000 CUI-V7806-2000 Datasheet
765Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V7806-2000 CUI-V7806-2000 Datasheet
765Kb / 6P
   pin compatible to LM78XX linear regulators
V7806-2000 CUI-V7806-2000 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results

Similar Description - V7806-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com