Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGB102ST23 Datasheet(PDF) 2 Page - Littelfuse

Part # PGB102ST23
Description  PGB1 Series Halogen-Free / Lead-Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGB102ST23 Datasheet(HTML) 2 Page - Littelfuse

  PGB102ST23 Datasheet HTML 1Page - Littelfuse PGB102ST23 Datasheet HTML 2Page - Littelfuse PGB102ST23 Datasheet HTML 3Page - Littelfuse PGB102ST23 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.littelfuse.com
©2011 Littelfuse
PGB1 Series
Specifications are subject to change without notice.
2
Revised: January 11, 2012
PulseGuard® Suppressors
Surface Mount Polymeric ESD Suppressors
Typical Device Capacitance
0.01
0.10
1.00
100
1,000
10,000
Frequency (MHz)
PGB1010402
PGB1010603
PGB102ST23
Typical ESD Response
0
200
400
600
800
1000
1200
-25
0
25
50
75
100
125
150
175
PGB1010603
PGB102ST23
PGB1010402
Time (ns)
Dimensions
Reflow Solder
Wave Solder
1.27 (0.050")
0.76 (0.030")
3.30
(0.130")
3.05
(0.120")
1.27 (0.050")
0.51 (0.020")
0.76 (0.030")
0.76 (0.030")
1.66 +/- 0.06
(0.066" +/- 0.003”)
0.15 +/- 0.08
(0.006" +/- 0.003”)
0.84 +/- 0.05
(0.033" +/- 0.002”)
0.36 (0.014")
1.04
(0.041") REF
0.43 +/- 0.18
(0.017" +/- 0.007”)
0402 Device
Reflow Solder
2.24 +/- 0.18
(0.088" +/- 0.007")
1.27
(0.050")
1.02 (0.040")
2.03
(0.080")
0.51
(0.020")
0.64
(0.025")
2.29
(0.090")
2.54
(0.100")
1.02 (0.040")
1.02 (0.040")
0.15 +/- 0.08
(0.006 +/- 0.003")
TYP
0.81
(0.032")
TYP
1.09
(0.043")
1.91
(0.075")
0.91
(0.036")
TYP
3.00 +/- 0.20
(0.118" +/- 0.008")
0.69 +/- 0.10
(0.027" +/- 0.004)
Wave Solder
1.27
(0.050")
1.27
(0.050")
2.29
(0.090")
0.64
(0.025")
1.02 (0.040")
SOT23 Device
0.56
(0.022")
Recommended for
reflow soldering only
0.99 +/- 0.05
(0.039" +/- 0.002")
0.25
(0.010")
0.24 +/- 0.09
(0.009" +/- 0.004")
0.38
(0.015")
.58
(0.023")
1.55
(0.061")
0.15 +/- 0.08
(0.006" +/- 0.003")
0.310 +/- 0.08
(0.012" +/- 0.003")
0.51 +/- 0.05
(0.020" +/- 0.002")
Reflow Solder
0603 Device
Dimensions: mm (inch)
Part Numbering System
PGB1 01 0603 MR
QUANTITY &
PACKAGING CODE:
MR = 1000 pieces, tape & reel
WR = 3000 pieces, tape & reel
NR = 5000 pieces, tape & reel
KR = 10,000 pieces, tape & reel
*Note: PGB1 0402 product not available as Halogen Free item.
See PGB2 0402 product instead, part number PGB2010402KRHF
(http://www.littelfuse.com/series/PGB2010402.html).
LINES PROTECTED:
01 = 1 line
02 = 2 lines
DEVICE SIZE CODE:
0402 = 0402 (1005)*
0603 = 0603 (1608)
ST23 = SOT23
LEAD-FREE
PULSEGUARD®
ESD SUPPRESSORS
Dimensions: mm (inch)
Dimensions: mm (inch)


Similar Part No. - PGB102ST23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
699Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
466Kb / 4P
   Low leakage current, Fast response time
PGB102ST23 LITTELFUSE-PGB102ST23 Datasheet
239Kb / 4P
   PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
More results

Similar Description - PGB102ST23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_12 Datasheet
239Kb / 4P
   PGB1 Series Halogen-Free / Lead-Free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
logo
Littelfuse
PGB1040805MR LITTELFUSE-PGB1040805MR Datasheet
165Kb / 2P
   PGB1 Series Lead-Free 0805 ESD Suppressor
logo
Samsung semiconductor
K4B2G1646F SAMSUNG-K4B2G1646F Datasheet
515Kb / 71P
   96FBGA with Lead-Free & Halogen-Free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
PGB1010603MR LITTELFUSE-PGB1010603MR Datasheet
104Kb / 2P
   PGB1 Series Lead-Free 0603 Surface Mount ESD Suppressor
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
Zowie Technology Corpor...
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com