Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6143AASA10 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6143AASA10
Description  High-Precision Voltage Reference with Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6143AASA10 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6143AASA10 Datasheet HTML 1Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 2Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 3Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 4Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 5Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 6Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 7Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 8Page - Maxim Integrated Products MAX6143AASA10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High-Precision Voltage Reference with
Temperature Sensor
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX6143_50 (VOUT = 5.0V)
(VIN = VSHDN = +15V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6143A_50 (0.06%)
4.9970
5.0
5.0030
Output Voltage
VOUT
No load, TA = +25°C
MAX6143B_50 (0.1%)
4.9950
5.0
5.0050
V
Output Adjustment Range
∆VTRIM
RPOT = 10kΩ
±3
±6%
MAX6143AASA
1.5
3
Output-Voltage
Temperature Coefficient
(Note 2)
TCVOUT
TA = -40°C to +125°C
MAX6143BASA
3
10
ppm/°C
TA = +25°C
0.6
5
Line Regulation (Note 3)
∆VOUT /
∆VIN
7V ≤ VIN ≤ 40V
TA = -40°C to +125°C
0.8
10
ppm/V
TA = +25°C2
10
Sourcing:
0 ≤ IOUT ≤ 10mA
TA = -40°C to +125°C2
15
TA = +25°C50
500
Load Regulation (Note 3)
∆VOUT /
∆IOUT
Sinking:
-0.6mA ≤ IOUT ≤ 0
TA = -40°C to +125°C90
900
ppm/mA
ELECTRICAL CHARACTERISTICS—MAX6143_41 (VOUT = 4.096V) (continued)
(VIN = VSHDN = +10V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC
f = 0.1Hz to 10Hz
7
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
11.5
µVRMS
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
200
µs
INPUT
Supply Voltage Range
VIN
Guaranteed by line regulation test
6.1
40.0
V
TA = +25°C
320
500
Quiescent Supply Current
IIN
No load, normal
operation
TA = -40°C to +125°C
650
µA
Shutdown Supply Current
ISHDN
No load, VSHDN <
0.8V
TA =-40°C to +125°C
0.01
5µA
SHUTDOWN (SHDN)
Logic-High Input Voltage
VIH
2.0
V
Logic-Low Input Voltage
VIL
0.8
V
Logic-High Input Current
IIH
20
µA
Logic-Low Input Current
IIL
2µA
TEMP OUTPUT
TEMP Output Voltage
VTEMP
630
mV
TEMP Temperature
Coefficient
TCTEMP
(0.06%)
2.1
mV/°C


Similar Part No. - MAX6143AASA10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143AASA10 MAXIM-MAX6143AASA10 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
More results

Similar Description - MAX6143AASA10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com