Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6461UK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6461UK
Description  Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6461UK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6461UK Datasheet HTML 1Page - Maxim Integrated Products MAX6461UK Datasheet HTML 2Page - Maxim Integrated Products MAX6461UK Datasheet HTML 3Page - Maxim Integrated Products MAX6461UK Datasheet HTML 4Page - Maxim Integrated Products MAX6461UK Datasheet HTML 5Page - Maxim Integrated Products MAX6461UK Datasheet HTML 6Page - Maxim Integrated Products MAX6461UK Datasheet HTML 7Page - Maxim Integrated Products MAX6461UK Datasheet HTML 8Page - Maxim Integrated Products MAX6461UK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Ultra-Low-Power Voltage Detectors and
µP Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.2V to +6V, TA = -40°C to +125°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
≥ 1.2V, ISINK = 1.0mA, OUT asserted
0.3
VCC
≥ 2.5V, ISINK = 4.0mA, OUT asserted
0.3
OUT Output Low (Open Drain or
Push-Pull)
VOL
VCC
≥ 4.5V, ISINK = 9.0mA, OUT asserted
0.4
V
VCC
≥ 1.8V, ISOURCE = 1.5mA,
OUT not asserted
0.8
×
VCC
VCC
≥ 2.5V, ISOURCE = 3.0mA,
OUT not asserted
0.8
×
VCC
OUT Output High (Push-Pull)
VOH
VCC
≥ 4.5V, ISOURCE = 8.0mA,
OUT not asserted
0.8
×
VCC
V
OUT Output Open-Drain Leakage
Current
ILKG
OUT not asserted, VOUT = +6V
100
nA
VCC
≥ 1.2V, ISOURCE = 200µA,
OUT asserted
0.8
×
VCC
VCC
≥ 1.8V, ISOURCE = 1.5mA,
OUT asserted
0.8
×
VCC
VCC
≥ 2.5V, ISOURCE = 3.0mA,
OUT asserted
0.8
×
VCC
OUT Output High (Push-Pull)
VOH
VCC
≥ 4.5V, ISOURCE = 8.0mA,
OUT asserted
0.8
×
VCC
V
VCC
≥ 2.5V, ISINK = 4.0mA,
OUT not asserted
0.3
OUT Output Low (Push-Pull)
VOL
VCC
≥ 4.5V, ISINK = 9.0mA,
OUT not asserted
0.4
V
Note 1: 100% production testing done at +25°C. Limits over temperature are guaranteed by design.
Note 2: See Table 1 for VTH- and VTH+ values.
Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
1.20
1.25
1.30
1.35
1.40
1.45
1.15
-40
125
VCC = 5V, NO LOAD
PROPAGATION DELAY (RISING)
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
70
80
90
100
110
120
60
-40
125
VCC RISING AT 200mV/
µs FROM
((VTH+) - 100mV) TO ((VTH+) + 100mV)
PROPAGATION DELAY (FALLING)
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
5
10
15
20
25
30
35
40
0
-40
125
VCC FALLING AT 200mV/
µs FROM
((VTH-) + 100mV) TO ((VTH-) - 100mV)


Similar Part No. - MAX6461UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461UK MAXIM-MAX6461UK Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461UK-T MAXIM-MAX6461UK-T Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results

Similar Description - MAX6461UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX706RESA-T MAXIM-MAX706RESA-T Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com