Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4661EPE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4661EPE
Description  2.5W, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4661EPE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4661EPE Datasheet HTML 2Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 9Page - Maxim Integrated Products MAX4661EPE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2.5
, Quad, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
4.5
4.0
5.0
-20
-10
-5
-15
0
5
10
15
20
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
V+, V- = ±5V
V+, V- = ±15V
V+, V- = ±20V
0
0.50
0.25
1.00
0.75
1.50
1.25
1.75
2.25
2.00
2.50
-10
-5
-15
0
5
10
15
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85°C
TA = +25°C
V+, V- = ±15V
TA = -40°C
0
3
2
1
4
5
6
7
8
9
10
08
4
12162024
210
6
141822
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
V+ = 5V
V+ = 12V
V+ = 24V
0
1.50
1.00
0.50
2.00
2.50
3.50
3.00
4.00
02
3
1
456789 10 11 12
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +85°C
TA = +25°C
TA = -40°C
V+ = +12V
V- = GND
0.1m
0.01
1m
10
1
0.1
1k
10k
100
100k
-40
20
-20
0
40
60
80
100
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
ON-LEAKAGE
OFF-LEAKAGE
V+ = +15V
V- = -15V
-200
0
-100
200
100
300
400
-20
-5
0
-10
-15
5
10
15
20
CHARGE INJECTION
vs. VCOM
VCOM (V)
V- = -15V
V+ = +15V
V- = GND
V+ = 12V
0.1
I+
I-
0.01
0.001
100
10
1
10k
100k
1k
-40
20
-20
0
40
60
80
100
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
V+ = +15V
V- = -15V
-10
-100
0.1
100
10
1
FREQUENCY RESPONSE
-70
-90
-30
-50
0
-60
-80
-20
-40
MAX4661/2/3-08
FREQUENCY (MHz)
90
180
-720
-450
-630
-90
-270
-360
-540
-0
-180
OFF-ISOLATION
ON-PHASE
ON-RESPONSE
V+ = +15V
V- = -15V
INPUT = OdBm
50
Ω IN AND OUT


Similar Part No. - MAX4661EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4661EPE MAXIM-MAX4661EPE Datasheet
159Kb / 12P
   2.5W, Quad, SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4661EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4661 MAXIM-MAX4661 Datasheet
159Kb / 12P
   2.5W, Quad, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com