Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR-5-2A-AP Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SR-5-2A-AP
Description  Subminiature Radial Leaded, Time-Delay Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SR-5-2A-AP Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SR-5-2A-AP Datasheet HTML 1Page - Cooper Bussmann, Inc. SR-5-2A-AP Datasheet HTML 2Page - Cooper Bussmann, Inc. SR-5-2A-AP Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• Radial leaded time-delay thru-hole fuse
• Designed to IEC 60127-3, Sheet 4
• Internationally accepted for primary and secondary overcurrent
protection
• Place directly into PCB or plug into BK/PCS holder
• High inrush withstand capability
• Compatible with leaded and lead-free reflow and wave solder
Agency Information
• KC: SU05011-9001 3.15A~6.3A, SU05011-9002 1~2.5A,
SU05011-9003 40mA~100mA, SU05011-9004 125mA~800mA
• PSE+JET: JET1641-31007-1001 1~5A, JET1641-31007-1002 6.3A
• CCC: 2009010207370507 40mA~4A
• CQC: CQC09012037502 5A, 6.3A
• SEMKO: 1023113 40mA~6.3A
• cURus: Guide JDYX2, File E306920&E19180 and Guide JDYX8,
File E306920&E19180
• VDE: File122052, 40020046
Specifications
• Solderability: EIA-186-9E Method 9
• High frequency vibration: MIL-STD-202F, Method 201A
• Operating temperature: -40°C to +85°C
• Soldering heat resistance: 260°C, 10 Sec. max (IEC 60068-2-20)
Ordering
• Specify product and packaging code (i.e., SR-5-1A-AP)
Electrical Characteristics
Rated
1.5 xIn 2.1 xIn
2.75 xIn
4 xIn
10 xIn
Current
min
max
min
max
min
max
min
max
100mA-6.3A 1 hr
2 min 400 mS 10 Sec 150 mS 3 Sec 20 mS 150 mS
Subminiature Radial Leaded, Time-Delay Fuses
SR-5 Series
0711
BU-SB11806
Page 1 of 3
Data Sheet 4347
Pb
HALOGEN
HF
FREE
Specifications
Voltage
Interrupting
Typical
Voltage Drop
Part
Rating
Rating (amps)
Typical DC Cold
Melting**
mV @ 20°C
Agency Information
Number
AC
@ Rated Voltage
Resistance (
Ω)I2t (@1mS)
Rated Current
VDE
SEMKO cURus
CCC KC-Mark PSE
SR-5-100mA
250
35
2.37
0.015155
288.5
x
x
x
x
x
SR-5-125mA
250
35
1.6
0.026783
238
x
x
x
x
x
SR-5-160mA
250
35
1.02
0.039097
196.5
x
x
x
x
x
SR-5-200mA
250
35
0.94
0.168832
215.5
x
x
x
x
x
SR-5-250mA
250
35
0.66
0.24778
185
x
x
x
x
x
SR-5-315mA
250
35
0.43
0.2772
152
x
x
x
x
x
SR-5-400mA
250
35
0.285
0.771618
127
x
x
x
x
x
SR-5-500mA
250
35
0.242
2
143.5
x
x
x
x
x
SR-5-630mA
250
35
0.154
3.5
113
x
x
x
x
x
SR-5-800mA
250
35
0.112
6.5
104.5
x
x
x
x
x
SR-5-1A
250
35
0.085
7.5
100
x
x
x
x
x
x
SR-5-1.25A
250
35
0.061
13
91
x
x
x
x
x
x
SR-5-1.6A
250
35
0.043
24
102
x
x
x
x
x
x
SR-5-2A
250
35
0.031
30
74.5
x
x
x
x
x
x
SR-5-2.5A
250
35
0.024
45
72.5
x
x
x
x
x
x
SR-5-3.15A
250
35
0.018
57
70.25
x
x
x
x
x
x
SR-5-4A
250
40
0.012
80
62
x
x
x
x
x
x
*SR-5-5A
250
50
0.010
95.4
57.5
x
x
x
CQC
x
x
*SR-5-6.3A
250
63
0.008
200
60.85
x
x
x
CQC
x
x
* Conducting Path min. 0.2mm
2
** I
2t value for 100mA to 400mA is measured at 100ln.I2t value for 500mA to 6.3A is measured at 10In.
Radial Leaded Device


Similar Part No. - SR-5-2A-AP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SR-5-2A COOPER-SR-5-2A Datasheet
1Mb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
logo
List of Unclassifed Man...
SR-5-2A ETC2-SR-5-2A Datasheet
502Kb / 3P
   Subminiature Fuses
logo
Eaton All Rights Reserv...
SR-5-2A EATON-SR-5-2A Datasheet
739Kb / 2P
   Subminiature time-delay fuses
More results

Similar Description - SR-5-2A-AP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SR-5-1A-AP COOPER-SR-5-1A-AP Datasheet
1Mb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5H-1A COOPER-SR-5H-1A Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
logo
Eaton All Rights Reserv...
SS-5H EATON-SS-5H Datasheet
495Kb / 5P
   300V Subminiature, radial leaded, time-delay fuses
logo
List of Unclassifed Man...
SR-5H ETC2-SR-5H Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
SS-5H ETC2-SS-5H Datasheet
341Kb / 3P
   300V Subminiature, Radial Leaded, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
SS-5-1A COOPER-SS-5-1A Datasheet
807Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Eaton All Rights Reserv...
SS-5 EATON-SS-5 Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com