Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3233ECWP-TG36 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3233ECWP-TG36
Description  ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3233ECWP-TG36 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3233ECWP-TG36 Datasheet HTML 1Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 2Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 3Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 4Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 5Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 6Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 7Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 8Page - Maxim Integrated Products MAX3233ECWP-TG36 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V for MAX3233E, VCC = +4.5V to +5.5V for MAX3235E; TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.)
CONDITIONS
300
10M
Output Resistance
V
±5
±5.4
Output Voltage Swing
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Figure 3a
s
15
30
60
tAUTOSHDN
Receiver or Transmitter Edge to
Transmitters Shut Down
µs
100
tWU
Receiver or Transmitter Edge to
Transmitters Enabled
µs
1
tINVH
Receiver Positive or Negative
Threshold to INVALID High
V
VCC - 0.6
INVALID, Output Voltage High
V
0.4
INVALID Output Voltage Low
V
-0.3
0.3
Receiver Input Threshold to
INVALID Output Low
-2.7
V
2.7
Receiver Input Threshold to
INVALID Output High
±15
±8
R_IN, T_OUT
kV
±15
µA
±25
Output Leakage Current
±60
mA
Output Short-Circuit Current
VCC = V+ = V- = 0, transmitter outputs = ±2V
All transmitter outputs loaded with 3k
Ω to
ground
Figure 3b (Note 3)
Figure 3b (Note 3)
Figure 3b
IOUT = -1.0mA
IOUT = -1.6mA
Figure 3a
Human Body Model
VOUT = ± 12V
transmitters
disabled
IEC1000-4-2 Contact Discharge
IEC1000-4-2 Air Discharge
VCC = 0 or +4.5V to
5.5V (MAX3235E)
VCC = 0 or +3.0V to
3.6V (MAX3233E)
±15kV ESD-Protected, 1µA, 250kbps, 3.3V/5V, Dual
RS-232 Transceivers with Internal Capacitors
±25
MAX3233E
MAX3235E
50
µs
70
tINVL
Receiver Positive or Negative
Threshold to INVALID Low
Figure 3b
TRANSMITTER OUTPUTS
ESD PROTECTION
AutoShutdown PLUS (FORCEON = GND, FORCEOFF = VCC)
Positive threshold
Negative threshold
Note 3: A transmitter/receiver edge is defined as a transition through the transmitter/receiver input logic thresholds.


Similar Part No. - MAX3233ECWP-TG36

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233ECWP MAXIM-MAX3233ECWP Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233ECWP MAXIM-MAX3233ECWP Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
More results

Similar Description - MAX3233ECWP-TG36

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3221EM RENESAS-ICL3221EM Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com