Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2681 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2681
Description  400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2681 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2681 Datasheet HTML 1Page - Maxim Integrated Products MAX2681 Datasheet HTML 2Page - Maxim Integrated Products MAX2681 Datasheet HTML 3Page - Maxim Integrated Products MAX2681 Datasheet HTML 4Page - Maxim Integrated Products MAX2681 Datasheet HTML 5Page - Maxim Integrated Products MAX2681 Datasheet HTML 6Page - Maxim Integrated Products MAX2681 Datasheet HTML 7Page - Maxim Integrated Products MAX2681 Datasheet HTML 8Page - Maxim Integrated Products MAX2681 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
400MHz to 2.5GHz, Low-Noise,
SiGe Downconverter Mixers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2680/1/2 EV Kit, VCC = SHDN = +3.0V, TA = +25°C, unless otherwise noted. RFIN and IFOUT matched to 50
Ω. PLO = -5dBm,
PRFIN = -25dBm.)
fRF = 1950MHz, fLO = 1880MHz, fIF = 70MHz,
TA = TMIN to TMAX (Note 1)
dB
1.7
2.3
(Notes 1, 2)
Gain Variation Over Temperature
fLO = 1880MHz
(Notes 1, 2)
fLO = 1880MHz
dBm
50
Ω source impedance
fRF = 1950MHz, 1951MHz, fLO = 1880MHz, fIF = 70MHz
fRF = 900MHz, 901MHz, fLO = 970MHz, fIF = 70MHz
fRF = 2450MHz, fLO = 2210MHz, fIF = 240MHz
fRF = 1950MHz, fLO = 2020MHz, fIF = 70MHz
-27
fRF = 2450MHz, fLO = 2210MHz, fIF = 240MHz
(Notes 1, 2)
fRF = 400MHz, fLO = 445MHz, fIF = 45MHz
fRF = 900MHz, fLO = 970MHz, fIF = 70MHz
fRF = 900MHz, fLO = 970MHz, fIF = 70MHz
fRF = 1950MHz, fLO = 1880MHz, fIF = 70MHz (Note 1)
fRF = 2450MHz, 2451MHz, fLO = 2210MHz, fIF = 240MHz
CONDITIONS
LO Leakage at RFIN Port
dBm
-23
LO Leakage at IFOUT Port
fRF = 1915MHz, fLO = 1880MHz, fIF = 70MHz (Note 4)
dBm
-65
IF/2 Spurious Response
1.5:1
LO Input VSWR
dB
12.7
Noise Figure (Single Sideband)
11.1
7.0
dBm
+1.0
Input Third-Order Intercept Point
(Note 3)
MHz
400
2500
LO Frequency Range
MHz
400
2500
RF Frequency Range
+0.5
-6.1
dB
7.7
Conversion Power Gain
MHz
10
500
IF Frequency Range
11.0
14.2
6.7
8.4
9.4
UNITS
MIN
TYP
MAX
PARAMETER
fRF = 1950MHz, fLO = 1880MHz, fIF = 70MHz,
TA = TMIN to TMAX (Note 1)
dB
2.1
3.2
(Notes 1, 2)
Gain Variation Over Temperature
(Notes 1, 2)
fRF = 1950MHz, 1951MHz, fLO = 1880MHz, fIF = 70MHz
fRF = 900MHz, 901MHz, fLO = 970MHz, fIF = 70MHz
fRF = 2450MHz, fLO = 2210MHz, fIF = 240MHz
(Notes 1, 2)
fRF = 400MHz, fLO = 445MHz, fIF = 45MHz
fRF = 900MHz, fLO = 970MHz, fIF = 70MHz
fRF = 1950MHz, fLO = 1880MHz, fIF = 70MHz (Note 1)
fRF = 2450MHz, 2451MHz, fLO = 2210MHz, fIF = 240MHz
dBm
+3.2
Input Third-Order Intercept Point
(Note 3)
MHz
400
2500
LO Frequency Range
MHz
400
2500
RF Frequency Range
+4.4
-1.8
dB
7.9
Conversion Power Gain
MHz
10
500
IF Frequency Range
13.4
14.7
8.7
10.4
11.7
fRF = 1950MHz, fLO = 2020MHz, fIF = 70MHz
fRF = 900MHz, fLO = 970MHz, fIF = 70MHz
fRF = 2450MHz, fLO = 2210MHz, fIF = 240MHz
dB
13.4
Noise Figure (Single Sideband)
10.2
6.5
fLO = 1880MHz
dBm
-26
LO Leakage at RFIN Port
fRF = 1915MHz, fLO = 1880MHz, fIF = 70MHz (Note 4)
dBm
-51
IF/2 Spurious Response
MAX2681
MAX2682


Similar Part No. - MAX2681

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2681 MAXIM-MAX2681 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2681 MAXIM-MAX2681 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2681 MAXIM-MAX2681 Datasheet
135Kb / 4P
   Easy Evaluation of All Device Functions
Rev 1; 11/98
MAX2681EUT-T MAXIM-MAX2681EUT-T Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2681EUT-T MAXIM-MAX2681EUT-T Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
More results

Similar Description - MAX2681

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2660 MAXIM-MAX2660 Datasheet
234Kb / 16P
   400MHz to 2.5GHz Upconverter Mixers
19-1382; Rev 1; 9/99
MAX2690 MAXIM-MAX2690 Datasheet
99Kb / 10P
   Low-Noise, 2.5GHz Downconverter Mixer
19-1282; Rev 0; 10/97
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
RF Micro Devices
RFLA1022 RFMD-RFLA1022 Datasheet
1Mb / 17P
   Low Noise, High Linearity Amplifier 400MHz to 1500MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com