Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1631AEAI+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1631AEAI+
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1631AEAI+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1631AEAI+ Datasheet HTML 1Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 2Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 3Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 4Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 5Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 6Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 7Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 8Page - Maxim Integrated Products MAX1631AEAI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
5
100
50
0.001
0.01
0.1
1
10
EFFICIENCY vs. 5V OUTPUT CURRENT
60
5V OUTPUT CURRENT (A)
70
80
90
ON5 = 5V
ON3 = 0V
f = 300kHz
MAX1631A/MAX1634A
V+ = 6V
V+ = 15V
100
50
0.001
0.01
0.1
1
10
EFFICIENCY vs. 3.3V OUTPUT CURRENT
60
3.3V OUTPUT CURRENT (A)
70
80
90
ON3 = ON5 = 5V
f = 300kHz
MAX1631A/MAX1634A
V+ = 6V
V+ = 15V
800
0
15
20
MAX1632A/MAX1635A
MAXIMUM 15V VDD OUTPUT
CURRENT vs. SUPPLY VOLTAGE
600
SUPPLY VOLTAGE (V)
0
200
10
400
5
VDD > 13V
5V REGULATING
5V LOAD = 0A
5V LOAD = 3A
500
0
15
20
MAX1630A/MAX1633A
MAXIMUM 15V VDD OUTPUT
CURRENT vs. SUPPLY VOLTAGE
400
SUPPLY VOLTAGE (V)
0
200
100
10
300
5
VDD > 13V
3.3V REGULATING
3.3V LOAD = 0A
3.3V LOAD = 3A
10,000
1
030
STANDBY INPUT CURRENT
vs. INPUT VOLTAGE
1000
INPUT VOLTAGE (V)
15
10
510
25
100
20
ON3 = ON5 = 0V
NO LOAD
30
0
5
030
PWM MODE INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
15
10
15
510
25
20
25
20
ON3 = ON5 = 5V
SKIP = VL
NO LOAD
10
0.01
030
IDLE MODE INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
15
0.1
510
25
1
20
ON3 = ON5 = 5V
SKIP = 0V
NO LOAD
10
0
030
SHUTDOWN INPUT CURRENT
vs. INPUT VOLTAGE
8
INPUT VOLTAGE (V)
15
4
2
510
25
6
20
SHDN = 0V
1000
1
0.001
0.1
10
1
MINIMUM VIN TO VOUT DIFFERENTIAL
vs. 5V OUTPUT CURRENT
10
100
5V OUTPUT CURRENT (A)
0.01
5V, 3A CIRCUIT
VOUT > 4.8V
f = 300kHz
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, 3A Table 1 components, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1631AEAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1631A MAXIM-MAX1631A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
More results

Similar Description - MAX1631AEAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com