Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1682 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1682
Description  Switched-Capacitor Voltage Doublers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1682 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1682 Datasheet HTML 1Page - Maxim Integrated Products MAX1682 Datasheet HTML 2Page - Maxim Integrated Products MAX1682 Datasheet HTML 3Page - Maxim Integrated Products MAX1682 Datasheet HTML 4Page - Maxim Integrated Products MAX1682 Datasheet HTML 5Page - Maxim Integrated Products MAX1682 Datasheet HTML 6Page - Maxim Integrated Products MAX1682 Datasheet HTML 7Page - Maxim Integrated Products MAX1682 Datasheet HTML 8Page - Maxim Integrated Products MAX1682 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Switched-Capacitor Voltage Doublers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5.0V, capacitor values from Table 2, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VIN = +5.0V, capacitor values from Table 2, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 2: Once started, the MAX1682/MAX1683 typically operate down to 1V.
Note 3: Specifications at -40°C to +85°C are guaranteed by design.
IN to GND .................................................................+6V to -0.3V
OUT to GND .......................................................+12V, VIN - 0.3V
OUT Output Current............................................................50mA
Output Short-Circuit Duration .................................1sec (Note 1)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...................571mW
Operating Temperature Range
MAX1682EUK/MAX1683EUK ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Soldering Temperature (reflow) .......................................+260°C
(Note 2)
TA = +25°C
TA = +25°C
IOUT = 0mA, TA = +25°C
CONDITIONS
V
1
Minimum Operating Voltage
µA
230
310
110
145
No-Load Supply Current
8.4
12
15.6
kHz
24.5
35
45.5
Oscillator Frequency
%
98
99.9
Voltage Conversion Efficiency
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: Avoid shorting OUT to GND, as it may damage the device. For temperatures above +85°C, shorting OUT to GND even
instantaneously will damage the device.
MAX1682
MAX1683
RLOAD = 10k
Ω
TA = +25°C
TA = 0°C to +85°C
V
2.1
1.8
5.5
2.0
1.7
5.5
Supply Voltage Range
MAX1682
MAX1683
TA = +25°C
TA = 0°C to +85°C
IOUT = 5mA
20
50
Ω
65
Output Resistance
IOUT = 0mA
IOUT = 5mA
MAX1683
MAX1682
RLOAD = 10k
Ω
MAX1683
MAX1682
CONDITIONS
%
97
Voltage Conversion Efficiency
Ω
65
Output Resistance
kHz
17.5
57.8
Oscillator Frequency
6.6
18.6
V
2.3
5.5
Supply Voltage Range
µA
350
160
No-Load Supply Current
UNITS
MIN
TYP
MAX
PARAMETER


Similar Part No. - MAX1682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
81Kb / 8P
   Switched-Capacitor Voltage Doublers
Rev 1; 8/98
MAX1682 MAXIM-MAX1682 Datasheet
181Kb / 9P
   Switched-Capacitor Voltage Doublers
2010
MAX1682-MAX1683 MAXIM-MAX1682-MAX1683 Datasheet
81Kb / 8P
   Switched-Capacitor Voltage Doublers
Rev 1; 8/98
MAX16820 MAXIM-MAX16820 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
More results

Similar Description - MAX1682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
81Kb / 8P
   Switched-Capacitor Voltage Doublers
Rev 1; 8/98
547799 MAXIM-547799 Datasheet
181Kb / 9P
   Switched-Capacitor Voltage Doublers
Rev 3; 11/10
MAX1682 MAXIM-MAX1682_V01 Datasheet
181Kb / 9P
   Switched-Capacitor Voltage Doublers
2010
MAX1682EUK MAXIM-MAX1682EUK Datasheet
181Kb / 9P
   Switched-Capacitor Voltage Doublers
Rev 3; 11/10
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com