Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1K20M155X Datasheet(PDF) 5 Page - EPCOS

Part # SR1K20M155X
Description  Ceramic transient voltage suppressors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SR1K20M155X Datasheet(HTML) 5 Page - EPCOS

  SR1K20M155X Datasheet HTML 1Page - EPCOS SR1K20M155X Datasheet HTML 2Page - EPCOS SR1K20M155X Datasheet HTML 3Page - EPCOS SR1K20M155X Datasheet HTML 4Page - EPCOS SR1K20M155X Datasheet HTML 5Page - EPCOS SR1K20M155X Datasheet HTML 6Page - EPCOS SR1K20M155X Datasheet HTML 7Page - EPCOS SR1K20M155X Datasheet HTML 8Page - EPCOS SR1K20M155X Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max = 125
°C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
WLD
(10
pulses)
J
Pdiss,max
mW
SR1S14BM105X
B72587G3140S200
14
16
800
2400
6
15
SR1S14BM155X
B72587H3140S200
14
16
800
2400
6
15
SR1S14BM474X
B72587E3140S200
14
16
800
2400
6
15
SR2S14BM155X
B72547H3140S200
14
16
1200
5800
12
30
SR2S14BM474X
B72547E3140S200
14
16
1200
5800
12
30
SR2S14BM475X
B72547L3140S200
14
16
1200
5800
12
30
SR6K14M224X
B72527C3140K000
14
18
200
500
1.5
8
SR1K20M105X
B72587G3200K000
20
26
800
3000
6
15
SR1K20M155X
B72587H3200K000
20
26
800
3000
6
15
SR1K20M225X
B72587J3200K000
20
26
800
3000
6
15
SR1K20M474X
B72587E3200K000
20
26
800
3000
6
15
SR2K20M105X
B72547G3200K000
20
26
1200
7800
12
30
SR2K20M474X
B72547E3200K000
20
26
1200
7800
12
30
SR6K20M105X
B72527G3200K000
20
26
200
700
1.5
8
SR6K35M105X
B72527G3350K000
35
45
100
400
1.5
8
SR6K35M474X
B72527E3350K000
35
45
100
400
1.5
8
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vjump
(5 min)
V
Vclamp,max
V
Iclamp
(8/20 µs)
A
Cnom
(1 kHz, 0.5 V)
nF
∆C
nom
%
SR1S14BM105X
22
+23/ 0
24.5
40
5
1000
±20
SR1S14BM155X
22
+23/ 0
24.5
40
5
1500
±20
SR1S14BM474X
22
+23/ 0
24.5
40
5
470
±20
SR2S14BM155X
22
+23/ 0
24.5
40
10
1500
±20
SR2S14BM474X
22
+23/ 0
24.5
40
10
470
±20
SR2S14BM475X
22
+23/ 0
24.5
40
10
4700
±20
SR6K14M224X
22
±10
-
38
1
220
±20
SR1K20M105X
33
±10
26
58
5
1000
±20
SR1K20M155X
33
±10
26
58
5
1500
±20
SR1K20M225X
33
±10
26
58
5
2200
±20
SR1K20M474X
33
±10
26
58
5
470
±20
SR2K20M105X
33
±10
26
58
10
1000
±20
SR2K20M474X
33
±10
26
58
10
470
±20
SR6K20M105X
33
±10
-
54
1
1000
±20
SR6K35M105X
56
±10
-
90
1
1000
±20
SR6K35M474X
56
±10
-
90
1
470
±20
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 5 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - SR1K20M155X

ManufacturerPart #DatasheetDescription
logo
EPCOS
SR1K20M155Z EPCOS-SR1K20M155Z Datasheet
102Kb / 4P
   Combination of a multilayer ceramic capacitor and a multilayer varistor, leaded
More results

Similar Description - SR1K20M155X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com