Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1132ACAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1132ACAP
Description  16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1132ACAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1132ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1132ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
16-Bit ADC, 200ksps, 5V Single-Supply
with Reference
_______________________________________________________________________________________
5
Note 1: Tested at AVDD = DVDD = +5V, bipolar input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain error and offset
error have been nulled.
Note 3: Offset nulled.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period, clock has 50% duty cycle.
Includes the acquisition time.
Note 5: ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 6: When an external reference has a different voltage than the specified typical value, the full scale of the ADC will scale
proportionally.
Note 7: Electrical characteristics are guaranteed from AVDD(MIN) = DVDD(MIN) to AVDD(MAX) = DVDD(MAX). For operations beyond
this range, see the Typical Operating Characteristics. For guaranteed specifications beyond the limits, contact the factory.
Note 8: Defined as the change in positive full scale caused by a ±5% variation in the nominal supply voltage.
TIMING CHARACTERISTICS (Figures 5 and 6)
(AVDD = DVDD = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
1.14
µs
DIN to SCLK Setup
tDS
50
ns
DIN to SCLK Hold
tDH
0ns
SCLK to DOUT Valid
tDO
70
ns
CS Fall to DOUT Enable
tDV
CLOAD = 50pF
80
ns
CS Rise to DOUT Disable
tTR
CLOAD = 50pF
80
ns
CS to SCLK Rise Setup
tCSS
100
ns
CS to SCLK Rise Hold
tCSH
0ns
SCLK High Pulse Width
tCH
80
ns
SCLK Low Pulse Width
tCL
80
ns
SCLK Fall to SSTRB
tSSTRB
CLOAD = 50pF
80
ns
CS Fall to SSTRB Enable
tSDV
CLOAD = 50pF, external clock mode
80
ns
CS Rise to SSTRB Disable
tSTR
CLOAD = 50pF, external clock mode
80
ns
SSTRB Rise to SCLK Rise
tSCK
Internal clock mode
0
ns
RST Pulse Width
tRS
208
ns


Similar Part No. - MAX1132ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132 MAXIM-MAX1132 Datasheet
235Kb / 8P
   Convenient Test Points Provided On-Board
Rev 1; 12/06
MAX1132 MAXIM-MAX1132 Datasheet
127Kb / 8P
   Convenient Test Points Provided On-Board
Rev 0; 3/97
MAX1132-MAX1133 MAXIM-MAX1132-MAX1133 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
More results

Similar Description - MAX1132ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
   5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
   14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com