Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1037EKA-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1037EKA-T
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1037EKA-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1037EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX1037EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX1036–MAX1039 low-power, 8-bit, multichannel,
analog-to-digital converters (ADCs) feature internal
track/hold (T/H), voltage reference, clock, and an
I2C-compatible 2-wire serial interface. These devices
operate from a single supply and require only 350µA at
the maximum sampling rate of 188ksps. Auto-
Shutdown™ powers down the devices between conver-
sions reducing supply current to less than 1µA at low
throughput rates. The MAX1036/MAX1037 have four ana-
log input channels each, while the MAX1038/MAX1039
have twelve analog input channels. The analog inputs are
software configurable for unipolar or bipolar and single-
ended or pseudo-differential operation.
The full-scale analog input range is determined by the
internal reference or by an externally applied reference
voltage ranging from 1V to VDD. The MAX1037/
MAX1039 feature a 2.048V internal reference and the
MAX1036/MAX1038 feature a 4.096V internal reference.
The MAX1036/MAX1037 are available in 8-pin SOT23
packages. The MAX1038/MAX1039 are available in 16-
pin QSOP packages. The MAX1036–MAX1039 are guar-
anteed over the extended industrial temperature range
(-40°C to +85°C). Refer to MAX1136–MAX1139 for 10-bit
devices and to the MAX1236–MAX1239 for 12-bit
devices.
Applications
Handheld Portable Applications
Medical Instruments
Battery-Powered Test Equipment
Solar-Powered Remote Systems
Received-Signal-Strength Indicators
System Supervision
Features
o High-Speed I2C-Compatible Serial Interface
400kHz Fast Mode
1.7MHz High-Speed Mode
o Single Supply
2.7V to 3.6V (MAX1037/MAX1039)
4.5V to 5.5V (MAX1036/MAX1038)
o Internal Reference
2.048V (MAX1037/MAX1039)
4.096V (MAX1036/MAX1038)
o External Reference: 1V to VDD
o Internal Clock
o 4-Channel Single-Ended or 2-Channel Pseudo-
Differential (MAX1036/MAX1037)
o 12-Channel Single-Ended or 6-Channel Pseudo-
Differential (MAX1038/MAX1039)
o Internal FIFO with Channel-Scan Mode
o Low Power
350µA at 188ksps
110µA at 75ksps
8µA at 10ksps
1µA in Power-Down Mode
o Software Configurable Unipolar/Bipolar
o Small Packages
8-Pin SOT23 (MAX1036/MAX1037)
16-Pin QSOP (MAX1038/MAX1039)
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel 2-Wire Serial 8-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
19-2442; Rev 4; 5/09
PART
PIN-PACKAGE
TUE
(LSB)
INPUT
CHANNELS
I2C
SLAVE ADDRESS
INTERNAL
REFERENCE (V)
TOP MARK
MAX1036EKA+T
8 SOT23
±2
4
1100100
4.096
AAJE
MAX1037EKA+T
8 SOT23
±2
4
1100100
2.048
AAJG
MAX1038AEEE+
16 QSOP
±1
12
1100101
4.096
MAX1039AEEE+
16 QSOP
±1
12
1100101
2.048
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Pin Configurations and Typical Operating Circuit appear
at end of data sheet.
EVALUATION
KIT
AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Similar Part No. - MAX1037EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA- MAXIM-MAX1037EKA- Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
More results

Similar Description - MAX1037EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com