Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU52013HFV Datasheet(PDF) 2 Page - Rohm

Part # BU52013HFV
Description  Unipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52013HFV Datasheet(HTML) 2 Page - Rohm

  BU52013HFV Datasheet HTML 1Page - Rohm BU52013HFV Datasheet HTML 2Page - Rohm BU52013HFV Datasheet HTML 3Page - Rohm BU52013HFV Datasheet HTML 4Page - Rohm BU52013HFV Datasheet HTML 5Page - Rohm BU52013HFV Datasheet HTML 6Page - Rohm BU52013HFV Datasheet HTML 7Page - Rohm BU52013HFV Datasheet HTML 8Page - Rohm BU52013HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
BU52002GUL,BU52003GUL,BU52012NVX,BU52012HFV,BU52013HFV
Technical Note
2/19
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings
BU52002GUL,BU52003GUL (Ta=25℃)
BU52012NVX (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
-0.1~+4.5
1
V
Power Supply Voltage
VDD
-0.1~+4.5
3
V
Output Current
IOUT
±
1
mA
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
420
2
mW
Power Dissipation
Pd
2049
4
mW
Operating
Temperature Range
Topr
-40~+85
Operating
Temperature Range
Topr
-40~+85
Storage
Temperature Range
Tstg
-40~+125
Storage
Temperature Range
Tstg
-40~+125
1. Not to exceed Pd
2. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃
(mounted on 50mm×58mm Glass-epoxy PCB)
3. Not to exceed Pd
4. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70mm×1.6mm Glass-epoxy PCB)
BU52012HFV,BU52013HFV (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
-0.1~+4.5
5
V
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
536
6
mW
Operating
Temperature Range
Topr
-40~+85
Storage
Temperature Range
Tstg
-40~+125
5. Not to exceed Pd
6. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70mm×1.6mm Glass-epoxy PCB)
Magnetic, Electrical characteristics
BU52002GUL (Unless otherwise specified, VDD=3.0V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Power Supply Voltage
VDD
2.4
3.0
3.3
V
Operate Point
BopS
-
3.7
5.5
mT
Release Point
BrpS
0.8
2.9
-
mT
Hysteresis
BhysS
-
0.8
-
mT
Period
TP
-
50
100
ms
Output High Voltage
VOH
VDD-0.4
-
-
V
B<BrpS
7
IOUT=-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
BopS<B
7
IOUT =+1.0mA
Supply Current
IDD(AVG)
-
6.5
9
µA
Average
Supply Current
During Startup Time
IDD(EN)
-
4.7
-
mA
During Startup Time Value
Supply Current
During Standby Time
IDD(DIS)
-
3.8
-
µA
During Standby Time Value
7. B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.


Similar Part No. - BU52013HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52013HFV ROHM-BU52013HFV Datasheet
185Kb / 6P
   Hall effect Switch
BU52013HFV ROHM-BU52013HFV Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52013HFV ROHM-BU52013HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52013HFV ROHM-BU52013HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results

Similar Description - BU52013HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com