Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC28F640P33TF60A Datasheet(PDF) 10 Page - Micron Technology

Part # RC28F640P33TF60A
Description  Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

RC28F640P33TF60A Datasheet(HTML) 10 Page - Micron Technology

Back Button RC28F640P33TF60A Datasheet HTML 6Page - Micron Technology RC28F640P33TF60A Datasheet HTML 7Page - Micron Technology RC28F640P33TF60A Datasheet HTML 8Page - Micron Technology RC28F640P33TF60A Datasheet HTML 9Page - Micron Technology RC28F640P33TF60A Datasheet HTML 10Page - Micron Technology RC28F640P33TF60A Datasheet HTML 11Page - Micron Technology RC28F640P33TF60A Datasheet HTML 12Page - Micron Technology RC28F640P33TF60A Datasheet HTML 13Page - Micron Technology RC28F640P33TF60A Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
10
Order Number: 208034-04
3.0
Ballouts
Notes:
1.
A1 is the least significant address bit.
2.
A23 is valid for 128-Mbit densities; otherwise, it is a no connect (NC).
3.
A22 is valid for 64-Mbit densities and above; otherwise, it is a no connect (NC).
4.
No Internal Connection on VCC Pin 13; it may be driven or floated. For legacy designs, pin can be tied to Vcc.
5.
One dimple on package denotes Pin 1 which will always be in the upper left corner of the package, in reference to the
product mark.
Figure 4: 56-Lead TSOP Pinout (64-Mbit and 128-Mbit Densities)
56-Lead TSOP Pinout
14 mm x 20 mm
Top View
1
3
4
2
5
7
8
6
9
11
12
10
13
15
16
14
17
19
20
18
21
23
24
22
25
27
28
26
56
54
53
55
52
50
49
51
48
46
45
47
44
42
41
43
40
38
37
39
36
34
33
35
32
30
29
31
A14
A13
A12
A10
A9
A11
A23
A21
VSS
A22
NC
WP#
A20
WE#
A19
A8
A7
A18
A6
A4
A3
A5
A2
RFU
VSS
RFU
WAIT
DQ15
DQ7
A17
DQ14
DQ13
DQ5
DQ6
DQ12
ADV#
CLK
DQ4
RST#
A16
DQ3
VPP
DQ10
VCCQ
DQ9
DQ2
DQ1
DQ0
VCC
DQ8
OE#
CE#
A1
VSS
A15
DQ11


Similar Part No. - RC28F640P33TF60A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
RC28F640P33TF60 NUMONYX-RC28F640P33TF60 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
More results

Similar Description - RC28F640P33TF60A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Microchip Technology
JS28F128P33TF70A MICROCHIP-JS28F128P33TF70A Datasheet
3Mb / 88P
   128-Mbit, 64-Mbit Single Bit per Cell (SBC)
2011 - 208034-04
logo
Micron Technology
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Micron Technology
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
logo
Numonyx B.V
JS28F320J3F75A NUMONYX-JS28F320J3F75A Datasheet
703Kb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com