Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16P-5BJ Datasheet(PDF) 2 Page - Micron Technology

Part # MT46V32M16P-5BJ
Description  Double Data Rate (DDR) SDRAM MT46V128M4 ??32 Meg x 4 x 4 banks MT46V64M8 ??16 Meg x 8 x 4 banks MT46V32M16 ??8 Meg x 16 x 4 banks
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16P-5BJ Datasheet(HTML) 2 Page - Micron Technology

  MT46V32M16P-5BJ Datasheet HTML 1Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 2Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 3Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 4Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 5Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 6Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 7Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 8Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
PDF: 09005aef80a1d9d4/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512Mb_DDR_x4x8x16_D1.fm - 512Mb DDR: Rev. O; Core DDR Rev. D 2/11 EN
2
©2000 Micron Technology, Inc. All rights reserved.
512Mb: x4, x8, x16 DDR SDRAM
Features
Notes:
1. The -5B device is backward compatible with all slower speed grades. The voltage range of
-5B device operating at slower speed grades is VDD = VDDQ = 2.5V ± 0.2V.
Figure 1:
512Mb DDR SDRAM Part Numbers
FBGA Part Number System
Due to space limitations, FBGA-packaged components have an abbreviated part
marking that is different from the part number. For a quick conversion of an FBGA code,
see the FBGA Part Marking Decoder on Micron’s Web site: www.micron.com.
Table 2:
Addressing
Parameter
128 Meg x 4
64 Meg x 8
32 Meg x 16
Configuration
32 Meg x 4 x 4 banks
16 Meg x 8 x 4 banks
8 Meg x 16 x 4 banks
Refresh count
8K
8K
8K
Row address
8K (A0–A12)
8K (A0–A12)
8K (A0–A12)
Bank address
4 (BA0, BA1)
4 (BA0, BA1)
4 (BA0, BA1)
Column address
4K (A0–A9, A11, A12)
2K (A0-A9, A11)
1K (A0–A9)
Table 3:
Speed Grade Compatibility
Marking
PC3200 (3-3-3) PC2700 (2.5-3-3) PC2100 (2-2-2) PC2100 (2-3-3) PC2100 (2.5-3-3) PC1600 (2-2-2)
-5B1
Yes
Yes
Yes
Yes
Yes
Yes
-6
Yes
Yes
Yes
Yes
Yes
-6T
Yes
Yes
Yes
Yes
Yes
-75E
––
Yes
Yes
Yes
Yes
-75Z
––
Yes
Yes
Yes
-75
––
Yes
Yes
-5B
-6/-6T
-75E
-75Z
-75
-75
Example Part Number: MT46V32M16P-6T:F
L
Special Options
Standard
Low power
Speed Grade
tCK = 5ns, CL = 3
tCK = 6ns, CL = 2.5
tCK = 6ns, CL = 2.5
-5B
-6
-6T
IT
Operating Temp
Commercial
Industrial
Revision
x4, x8, x16
x4, x8, x16
:F
:J
Configuration
MT46V
Package
Speed
Revision
Sp.
Op. Temp.
Configuration
128 Meg x 4
64 Meg x 8
32 Meg x 16
128M4
64M8
32M16
Package
400-mil TSOP
400-mil TSOP (Pb-free)
10mm x 12.5mm FBGA
10mm x 12.5mm FBGA (Pb-free)
8mm x 12.5mm FBGA
8mm x 12.5mm FBGA (Pb-free)
TG
P
FN
BN
CV
CY
-
:


Similar Part No. - MT46V32M16P-5BJ

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
More results

Similar Description - MT46V32M16P-5BJ

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC32M16A2P-75ITC MICRON-MT48LC32M16A2P-75ITC Datasheet
3Mb / 77P
   SDR SDRAM MT48LC128M4A2 ??32 Meg x 4 x 4 banks MT48LC64M8A2 ??16 Meg x 8 x 4 banks MT48LC32M16A2 ??8 Meg x 16 x 4 banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
MT48LC16M16A2P-75DTR MICRON-MT48LC16M16A2P-75DTR Datasheet
3Mb / 86P
   SDR SDRAM MT48LC64M4A2 ??16 Meg x 4 x 4 banks MT48LC32M8A2 ??8 Meg x 8 x 4 banks MT48LC16M16A2 ??4 Meg x 16 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com