Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6V2300NR5 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF6V2300NR5
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6V2300NR5 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF6V2300NR5 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6V2300NR5 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MRF6V2300NR1 MRF6V2300NBR1
3
RF Device Data
Freescale Semiconductor
Figure 2. MRF6V2300NR1(NBR1) Test Circuit Schematic — 220 MHz
Z8
0.085″ x 0.170″ Microstrip
Z9
2.275″ x 0.170″ Microstrip
Z10
0.945″ x 0.170″ Microstrip
Z11
0.443″ x 0.082″ Microstrip
PCB
Arlon CuClad 250GX--0300--55--22, 0.030″, εr =2.55
Z1
0.352″ x 0.082″ Microstrip
Z2
1.567″ x 0.082″ Microstrip
Z3
0.857″ x 0.082″ Microstrip
Z4
0.276″ x 0.220″ Microstrip
Z5
0.434″ x 0.220″ Microstrip
Z6, Z7
0.298″ x 0.630″ Microstrip
Z1
RF
INPUT
C12
Z2
Z3
Z4
Z5
Z6
DUT
Z9
C23
RF
OUTPUT
Z10
C5
B1
VBIAS
VSUPPLY
C3
+
C4
C2
+
R1
C18 C19
C17
C20
+
C1
+
C7
C6
B2
Z7
Z11
Z8
B3
C22
C21
R2
R3
C9
C8
C11
C10
C13
L1
L2
C14
C15
C16
Table 6. MRF6V2300NR1(NBR1) Test Circuit Component Designations and Values — 220 MHz
Part
Description
Part Number
Manufacturer
B1, B2
95 Ω, 100 MHz Long Ferrite Beads, Surface Mount
2743021447
Fair--Rite
B3
47 Ω, 100 MHz Short Ferrite Bead, Surface Mount
2743019447
Fair--Rite
C1
47 μF, 50 V Electrolytic Capacitor
476KXM063M
Illinois Capacitor
C2
22 μF, 35 V Tantalum Capacitor
T494X226K035AT
Kemet
C3
10 μF, 35 V Tantalum Capacitor
T491D106K035AT
Kemet
C4, C19
10 K pF Chip Capacitors
ATC200B103KT50XT
ATC
C5, C18
20 K pF Chip Capacitors
ATC200B203KT50XT
ATC
C6,C11,C17
0.1 μF, 50 V Chip Capacitors
CDR33BX104AKYS
AVX
C7, C8, C15, C16
2.2 μF, 50 V Chip Capacitors
C1825C225J5RAC
Kemet
C10
220 nF Chip Capacitor
C1206C224Z5VAC
Kemet
C9, C12, C14, C23
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C13
82 pF Chip Capacitor
ATC100B820JT500XT
ATC
C20
470 μF, 63 V Electrolytic Capacitor
477KXM063M
Illinois Capacitor
C21
24 pF Chip Capacitor
ATC100B240JT500XT
ATC
C22
39 pF Chip Capacitor
ATC100B390JT500XT
ATC
L1
4 Turn #18 AWG, 0.18″ ID
None
None
L2
82 nH Inductor
1812SMS--82NJ
Coilcraft
R1
270 Ω, 1/4 W Chip Resistor
CRCW12062700FKTA
Vishay
R2, R3
4.75 Ω, 1/4 W Chip Resistors
CRCW12064R75FKTA
Vishay


Similar Part No. - MRF6V2300NR5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
643Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
687Kb / 19P
   RF Power Field Effect Transistors
MRF6V2300NR1 FREESCALE-MRF6V2300NR1_08 Datasheet
643Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6V2300NR5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com