Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6VP41KHR7 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MRF6VP41KHR7
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6VP41KHR7 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MRF6VP41KHR7 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 13Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 14Page - Freescale Semiconductor, Inc MRF6VP41KHR7 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MRF6VP41KHR6 MRF6VP41KHSR6
11
RF Device Data
Freescale Semiconductor, Inc.
Figure 17. MRF6VP41KHR6(HSR6) Test Circuit Component Layout — 500 MHz
MRF6VP41KH
Rev. 1
COAX1
C1
B1
C2 C3
C4
L1
C5
C6
COAX2
C7
C8 C9
C10
C11
B2 C12
C13
C14
C33
C34
C36
C35
C31
C32
L4
COAX3
COAX4
C15
C16
C19
C18
C24
C22
C23
C21
C20
L3
C25
C26
C27
C28
C29
C30
L2
C17 not used in MRF6VP41KHR6(HSR6) 500 MHz application.
Table 7. MRF6VP41KHR6(HSR6) Test Circuit Component Designations and Values — 500 MHz
Part
Description
Part Number
Manufacturer
B1, B2
47 Ω, 100 MHz Short Ferrite Beads
2743019447
Fair--Rite
C1, C11
47 μF, 50 V Electrolytic Capacitors
476KXM063M
Illinois
C2, C12, C28, C34
0.1 μF Chip Capacitors
CDR33BX104AKYS
Kemet
C3, C13, C27, C33
220 nF, 50 V Chip Capacitors
C1812C224K5RAC
Kemet
C4, C14
2.2 μF, 50 V Chip Capacitors
C1825C225J5RAC
Kemet
C5, C6, C15
27 pF Chip Capacitors
ATC100B270JT500XT
ATC
C7, C10
0.8--8.0 pF Variable Capacitors
27291SL
Johanson Components
C8
13 pF Chip Capacitor
ATC100B120JT500XT
ATC
C9
33 pF Chip Capacitor
ATC100B330JT500XT
ATC
C18
9.1 pF Chip Capacitor
ATC100B9R1CT500XT
ATC
C16, C19
8.2 pF Chip Capacitors
ATC100B8R2CT500XT
ATC
C20, C21, C22, C23, C25,
C32
240 pF Chip Capacitors
ATC100B241JT200XT
ATC
C24
5.6 pF Chip Capacitor
ATC100B5R6CT500XT
ATC
C26, C31
2.2 μF, 100 V Chip Capacitors
2225X7R225KT3AB
ATC
C29, C30, C35, C36
330 μF, 63 V Electrolytic Capacitors
MCRH63V337M13X21--RH
Multicomp
Coax1, 2, 3, 4
25 Ω Semi Rigid Coax, 2.2″ Shield Length
UT--141C--25
Micro--Coax
L1, L2
2.5 nH, 1 Turn Inductors
A01TKLC
Coilcraft
L3, L4
43 nH, 10 Turn Inductors
B10TJLC
Coilcraft
C17 not used in MRF6VP41KHR6(HSR6) 500 MHz application.


Similar Part No. - MRF6VP41KHR7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP41KHR6 FREESCALE-MRF6VP41KHR6 Datasheet
517Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6VP41KHR6 FREESCALE-MRF6VP41KHR6 Datasheet
517Kb / 13P
   RF Power Field Effect Transistors
MRF6VP41KHR6 FREESCALE-MRF6VP41KHR6 Datasheet
1Mb / 19P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6VP41KHR7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com