Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPAL15SH60 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPAL15SH60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL15SH60 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPAL15SH60 Datasheet HTML 2Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 3Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 4Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 5Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 9Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. C3, February 2002
Absolute Maximum Ratings
Thermal Resistance
Note
2. For the measurement point of case temperature (Tc), please refer to Fig. 4.
Electrical Characteristics
Inverter Part (T
j = 25°C, Unless Otherwise Specified)
Note
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition
internally. For the detailed information, please see Fig. 5.
Item
Symbol
Condition
Min. Typ.
Max.
Unit
Junction to Case Thermal
Resistance
Rth(j-c)Q Each IGBT under Inverter Operating Condition
(Note 2)
-
-
2.61
°C/W
Rth(j-c)F
Each FWDi under Inverter Operating Condition
(Note 2)
-
-
3.73
°C/W
Contact Thermal
Resistance
Rth(c-f)
Ceramic Substrate (per 1 Module)
Thermal Grease Applied
-
-
0.06
°C/W
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Collector - emitter
Saturation Voltage
VCE(SAT) VCC = VBS = 15V
VIN = 0V
IC = 15A, Tj = 25°C
-
-
2.8
V
IC = 15A, Tj = 125°C
-
-
2.9
V
FWDi Forward Voltage
VFM
VIN = 5V
IC = 15A, Tj = 25°C
-
-
2.5
V
IC = 15A, Tj = 125°C
-
-
2.3
V
Switching Times
tON
VPN = 300V, VCC = VBS = 15V
IC = 15A, Tj = 25°C
VIN = 5V ↔ 0V, Inductive Load
(High-Low Side)
(Note 3)
-0.39
-
us
tC(ON)
-0.12
-
us
tOFF
-0.53
-
us
tC(OFF)
-0.16
-
us
trr
-0.1
-
us
Collector - emitter
Leakage Current
ICES
VCE = VCES, Tj = 25°C
-
-
250
uA


Similar Part No. - FPAL15SH60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPAL15SM60 FAIRCHILD-FPAL15SM60 Datasheet
357Kb / 17P
   Smart Power Module (SPM)
More results

Similar Description - FPAL15SH60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com