Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76930-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS76930-Q1
Description  Ultralow-Power 100-mA Low-Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76930-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76930-Q1 Datasheet HTML 2Page - Texas Instruments TPS76930-Q1 Datasheet HTML 3Page - Texas Instruments TPS76930-Q1 Datasheet HTML 4Page - Texas Instruments TPS76930-Q1 Datasheet HTML 5Page - Texas Instruments TPS76930-Q1 Datasheet HTML 6Page - Texas Instruments TPS76930-Q1 Datasheet HTML 7Page - Texas Instruments TPS76930-Q1 Datasheet HTML 8Page - Texas Instruments TPS76930-Q1 Datasheet HTML 9Page - Texas Instruments TPS76930-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
IO − Output Current − mA
3.280
3.274
3.270
3.278
3.276
3.272
3.284
3.282
VI = 4.3 V
C O = 4.7 µF
TA = 25 °C
0
20
40
60
80
100
TA − Free-Air Temperature −°C
1.486
1.480
1.488
1.484
1.496
−60
1.492
1.494
1.490
1.482
60
IO = 1 mA
V I = 2.7 V
C O = 4.7 µF
IO = 100 mA
−40
−20
0
20
40
80
100
120
140
100
2.496
2.488
2.482
2.494
2.490
2.486
2.498
0
2.492
2.484
VI = 3.5 V
C O = 4.7 µF
TA = 25 °C
IO − Output Current − mA
20
40
60
80
I O − Output Current − mA
1.494
1.488
1.484
1.492
1.490
1.486
1.498
1.496
VI = 2.7 V
C O = 4.7 µF
TA = 25 °C
0
20
40
60
80
100
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1
TPS76918-Q1, TPS76925-Q1, TPS76927-Q1
TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
SGLS118C – DECEMBER 2001 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS
SPACE
SPACE
SPACE
SPACE
TPS76925-Q1 OUTPUT VOLTAGE
TPS76915-Q1 OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
SPACE
SPACE
SPACE
SPACE
TPS76933-Q1 OUTPUT VOLTAGE
TPS76915-Q1 OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2001–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS76901-Q1 TPS76912-Q1 TPS76915-Q1 TPS76918-Q1 TPS76925-Q1 TPS76927-Q1
TPS76928-Q1 TPS76930-Q1 TPS76933-Q1 TPS76950-Q1


Similar Part No. - TPS76930-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76930-Q1 TI-TPS76930-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76930-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com