Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XIO1100GGB Datasheet(PDF) 10 Page - Texas Instruments

Part # XIO1100GGB
Description  PCI Express 1.1 Compliant
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO1100GGB Datasheet(HTML) 10 Page - Texas Instruments

Back Button XIO1100GGB Datasheet HTML 6Page - Texas Instruments XIO1100GGB Datasheet HTML 7Page - Texas Instruments XIO1100GGB Datasheet HTML 8Page - Texas Instruments XIO1100GGB Datasheet HTML 9Page - Texas Instruments XIO1100GGB Datasheet HTML 10Page - Texas Instruments XIO1100GGB Datasheet HTML 11Page - Texas Instruments XIO1100GGB Datasheet HTML 12Page - Texas Instruments XIO1100GGB Datasheet HTML 13Page - Texas Instruments XIO1100GGB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Description
6
June 2006 Revised August 2011
SLLS690C
2.13 Terminal Assignments
The XIO1100 is packaged in a 100-pin GGB BGA package. See Section 6 for GGB-package terminal diagram.
Table 2−3 lists the terminal assignments in terminal-number order with corresponding signal names for the
GGB package.
Table 2−4 lists the terminal assignments arranged in alphanumerical order by signal name with corresponding
terminal numbers for the GGB package.
Table 2−3. 100-pin GGB Signal Name Sorted by Terminal Number
GGB
NUMBER
SIGNAL NAME
GGB
NUMBER
SIGNAL
NAME
GGB
NUMBER
SIGNAL NAME
GGB
NUMBER
SIGNAL NAME
A3
RX_DATA8
C9
RESERVED
G11
VSSA
L6
CLK_SEL
A4
RX_DATA9
C10
VSSA
G12
TXP
L7
VDD_IO
A5
RX_DATA11
C12
RXN
G13
TXN
L8
VSS
A6
RX_DATA13
C13
RXP
H1
TX_DATA13
L9
POWERDOWN1
A7
RX_DATA15
D1
RX_DATA4
H2
TX_DATA14
L10
DDR_EN
A8
RX_DATAK0
D2
RX_DATA5
H3
RX_VALID
L12
VDD_15_COMB
A9
RESERVED
D3
VSS
H11
VDD_33_COMB
L13
VDD_33_COM_IO
A10
RESERVED
D11
VDDA_33
H12
VDDA_15
M3
TX_DATA6
A11
REFCLK−
D12
VSSA
H13
VDDA_15
M4
TX_DATA5
B3
RX_ELECIDLE
D13
VSSA
J1
TX_DATA11
M5
TX_DATA3
B4
RX_DATA10
E1
RX_DATA2
J2
TX_DATA12
M6
TX_DATA1
B5
RX_DATA12
E2
RX_DATA3
J3
VSS
M7
TX_DATAK1
B6
RX_DATA14
E3
RX_STATUS0
J11
VSS
M8
TX_CLK
B7
RX_DATAK1
E11
VDDA_15
J12
VDDA_33
M9
POWERDOWN0
B8
RX_CLK
E12
VSSA
J13
VDDA_33
M10
P1_SLEEP
B9
RESERVED
E13
VDD_15
K1
TX_DATA9
M11
VREG_PD
B10
RESERVED
F1
RX_DATA0
K2
TX_DATA10
N3
TX_DATA7
B11
REFCLK+
F2
RX_DATA1
K3
VDD_IO
N4
TX_DATA4
C1
RX_DATA7
F3
VDD_IO
K11
VSSA
N5
TX_DATA2
C2
RX_DATA6
F11
VDD_15
K12
R0
N6
TX_DATA0
C4
VSS
F12
VSS
K13
R1
N7
TX_DATAK0
C5
VDD_IO
F13
VSSA
L1
TX_DATA8
N8
TXCOMPLIANCE
C6
RX_POLARITY
G1
RX_STATUS1
L2
VSS
N9
TXELECIDLE
C7
VDD_15_CORE
G2
TX_DATA15
L4
VDD_15_CORE
N10
PHY_STATUS
C8
VSS
G3
RX_STATUS2
L5
TXDETECTRX/L
OOPBACK
N11
RESETN


Similar Part No. - XIO1100GGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO1100GGB TI1-XIO1100GGB Datasheet
400Kb / 37P
[Old version datasheet]   Low-Power Capability
More results

Similar Description - XIO1100GGB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO3130 TI-XIO3130_V01 Datasheet
1Mb / 146P
[Old version datasheet]   PCI Express Base Specification, Revision 1.1
logo
Silicon Laboratories
SL28PCIE50 SILABS-SL28PCIE50 Datasheet
399Kb / 17P
   PCI-Express Gen 2 Compliant
logo
Contec Co., Ltd
GPIB-F-LPE CONTEC-GPIB-F-LPE Datasheet
236Kb / 2P
   PCI Express-compliant High speed GPIB
logo
Silicon Laboratories
SL28PCIE14 SILABS-SL28PCIE14 Datasheet
395Kb / 13P
   PCI-Express Gen 2 & Gen 3 Compliant
logo
Contec Co., Ltd
DO-32T-PE CONTEC-DO-32T-PE Datasheet
132Kb / 3P
   PCI Express-compliant Digital I/O board
CNT-3204MT-LPE CONTEC-CNT-3204MT-LPE Datasheet
414Kb / 4P
   PCI Express-compliant High speed Up/Down Counter
DIO-48D-LPE CONTEC-DIO-48D-LPE Datasheet
247Kb / 4P
   PCI Express-compliant Bi-Directional Digital I/O
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
logo
Vecow Co., Ltd.
PE-2004 VECOW-PE-2004 Datasheet
281Kb / 1P
   Intel I210 PCI Express PoE Expansion Card, PCI Express x4, 4 GigE LAN, IEEE 802.3at compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com