Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2712 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FOD2712
Description  OPTICALLY ISOLATED ERROR AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2712 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD2712 Datasheet HTML 3Page - Fairchild Semiconductor FOD2712 Datasheet HTML 4Page - Fairchild Semiconductor FOD2712 Datasheet HTML 5Page - Fairchild Semiconductor FOD2712 Datasheet HTML 6Page - Fairchild Semiconductor FOD2712 Datasheet HTML 7Page - Fairchild Semiconductor FOD2712 Datasheet HTML 8Page - Fairchild Semiconductor FOD2712 Datasheet HTML 9Page - Fairchild Semiconductor FOD2712 Datasheet HTML 10Page - Fairchild Semiconductor FOD2712 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4/10/03
Page 7 of 13
© 2003 Fairchild Semiconductor Corporation
OPTICALLY ISOLATED
ERROR AMPLIFIER
FOD2712
TYPICAL PERFORMANCE CURVES
Fig. 10 Reference Voltage vs Ambient Temperature
TA - AMBIENT TEMPERATURE (
°C)
TA - AMBIENT TEMPERATURE (
°C)
TA - AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
1.230
1.236
1.242
1.248
1.254
ILED = 10 mA
Fig. 11 Reference Current vs Ambient Temperature
-40
-20
0
20
40
60
80
100
50
100
150
200
250
300
350
ILED = 10 mA
R1 = 10 k
Fig. 12 Off Current vs Ambient Temperature
-40
-20
0
20
40
60
80
100
0.1
1
10
100 V
LED = 13.2 V
VFB = 0
Fig. 9a LED Current vs Cathode Voltage
VCOMP - CATHODE VOLTAGE (V)
VCOMP - CATHODE VOLTAGE (V)
-1.0
-0.5
0.0
0.5
1.0
1.5
-15
-10
-5
0
5
10
15
TA = 25
°C
VCOMP = VFB
Fig. 9b LED Current vs Cathode Voltage
-150
-120
-90
-60
-30
0
30
60
90
120
150
-1.0
-0.5
0.0
0.5
1.0
1.5
TA = 25
°C
VCOMP = VFB


Similar Part No. - FOD2712

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2712 FAIRCHILD-FOD2712 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
FOD2712 FAIRCHILD-FOD2712 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
FOD2712 FAIRCHILD-FOD2712 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712A FAIRCHILD-FOD2712A Datasheet
621Kb / 16P
   Optically Isolated Error Amplifier
FOD2712AR2 FAIRCHILD-FOD2712AR2 Datasheet
621Kb / 16P
   Optically Isolated Error Amplifier
More results

Similar Description - FOD2712

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com