Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL851CDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL851CDR
Description  SONAR RANGING CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL851CDR Datasheet(HTML) 1 Page - Texas Instruments

  TL851CDR Datasheet HTML 1Page - Texas Instruments TL851CDR Datasheet HTML 2Page - Texas Instruments TL851CDR Datasheet HTML 3Page - Texas Instruments TL851CDR Datasheet HTML 4Page - Texas Instruments TL851CDR Datasheet HTML 5Page - Texas Instruments TL851CDR Datasheet HTML 6Page - Texas Instruments TL851CDR Datasheet HTML 7Page - Texas Instruments TL851CDR Datasheet HTML 8Page - Texas Instruments TL851CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TL851
SONAR RANGING CONTROL
SLSS004 – SEPTEMBER 1983 – REVISED MARCH 1988
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed for Use With the TL852 in Sonar
Ranging Modules Like the SN28827
D Operates With Single Supply
D Accurate Clock Output for External Use
D Synchronous 4-Bit Gain Control Output
D Internal 1.2-V Level Detector for Receive
D TTL-Compatible
D Interfaces to Electrostatic or Piezoelectric
Transducers
description
The TL851 is an economical digital I2L ranging control integrated circuit designed for use with the Texas
Instruments TL852 sonar ranging receiver integrated circuit.
The TL851 is designed for distance measurement from six inches to 35 feet. The device has an internal oscillator
that uses a low-cost external ceramic resonator. With a simple interface and a 420-kHz ceramic resonator, the
device will drive a 50-kHz electrostatic transducer.
The device cycle begins when Initiate (INIT) is taken to the high logic level. There must be at least 5 ms from
initial power-up (VCC) to the first initiate signal in order for all the device internal latches to reset and for the
ceramic-resonator-controlled oscillator to stabilize. The device will transmit a burst of 16 pulses each time INIT
is taken high.
The oscillator output (OSC) is enabled by INIT. The oscillator frequency is the ceramic resonator frequency
divided by 8.5 for the first 16 cycles (during transmit) and then the oscillator frequency changes to the ceramic
resonator frequency divided by 4.5 for the remainder of the device cycle.
When used with an external 420-kHz ceramic resonator, the device internal blanking disables the receive input
(REC) for 3.8 ms after initiate to exclude false receive inputs that may be caused by transducer ringing. The
internal blanking feature also eliminates echos from objects closer than 1.3 feet from the transducer. If it is
necessary to detect objects closer than 1.3 feet, then the internal blanking may be shortened by taking the
blanking inhibit (BINH) high, enabling the receive input. The blanking input (BLNK) may be used to disable the
receive input and reset ECHO to a low logic level at any time during the device cycle for selective echo exclusion
or for a multiple-echo mode of operation.
The device provides a synchronous 4-bit gain control output (12 steps) designed to control the gain of the TL852
sonar ranging receiver integrated circuit. The digital gain control waveforms are shown in Figure 2 with the
nominal transition times from INIT listed in the Gain Control Output Table.
The threshold of the internal receive level detector is 1.2 V. The TL851 operates over a supply voltage range
of 4.5 V to 6.8 V and is characterized for operation from 0
°C to 40°C.
Copyright
© 1988, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
XMIT
GND
GCD
GCA
GCB
GCC
REC
BLNK
BINH
INIT
FILT
XTAL2
XTAL1
OSC
ECHO
N PACKAGE
(TOP VIEW)


Similar Part No. - TL851CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851CDRG4 TI1-TL851CDRG4 Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
More results

Similar Description - TL851CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Texas Instruments
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
logo
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com