Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1528Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1528Z
Description  10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1528Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1528Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1528Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1528Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1528Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1528Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1528Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1528Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1528Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
1. Typical data at +25
°C, V
CC = 5 V.
2. With recommended transmitter and receiver application circuits (60 mA nominal drive current).
3. POF is HFBR-R/EXXYYYZ plastic (1 mm) optical fiber. Worst case attenuation used (0.23 dB/m from -40
°C to +85°C at 660 nm).
4. HCS is HFBR-H/VXXYYYZ hard clad silica (200/230
µm) fiber. Worst case attenuation is used (10 dB/km from 0°C to +70°C and 12 dB/km
from -40
°C to +85°C at 650 nm).
5. BER
≤ 10-9, 223 - 1 PRBS NRZ 10 MBd.
6. For IF,PK > 60 mA, the duty factor must maintain IF,AV ≤ 60 mA and pulse with ≤ 1 µs.
7. 1.6 mm below seating plane.
HFBR-0508Z Series 10 MBd Data Link
Typical Link Performance, TA = +25°C
Parameter
Symbol
Typ.[1]
Unit
Condition
Note
Signaling Rate
fS
15
Mb/s
NRZ
2
Link Distance with Extra Low Loss POF Cable
100
m
10 MBd
2, 3, 5
Link Distance with 200
µm HCS Cable
900
m
10 MBd
2, 4, 5
Specified Link Performance, TA = -40° to +85°C, DC to 10 MBd, unless otherwise noted.
Parameter
Symbol
Min.
Max.
Unit
Condition
Note
Signaling Rate
fS
DC
10
Mb/s
NRZ
2
Link Distance with Extra Low
0.1
50
m
+25
°C
2, 3, 5
Loss POF Cable
0.1
40
0 to +70
°C
0.1
30
-40 to +85
°C
Link Distance with 200
µm0.1
500
m
+25
°C
2, 4, 5
HCS Cable
0.1
300
0 to +70
°C
0.1
100
-40 to +85
°C
Pulse Width Distortion
PWD
-30
+30
ns
25 – 75% Duty Cycle
2
-50
+50
ns
Arbitrary Duty Cycle
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage and Operating Temperature
TS,O
-40
+85
°C
Receiver Supply Voltage
VCC
-0.5
+5.5
V
Receiver Average Output Current
IO,AVG
-16
+16
mA
Receiver Output Power Dissipation
POD
80
mW
Transmitter Peak Forward Input Current
IF,PK
90
mA
6
Transmitter Average Forward Input Current
IF,AVG
60
mA
Transmitter Reverse Input Voltage
VR
3V
Lead Soldering Cycle
Temp
TSOL
+260
°C7
Time
10
sec
7
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Condition
Note
Ambient Temperature
TA
-40
+85
°C
Power Supply Voltage
VCC
4.75
5.25
V
<100 mVp-p Noise
Transmitter Peak Forward Current
IF,PK
20
90
mA
6
Transmitter Average Forward Current
IF,AV
60
mA
Fanout (7400 Series TTL)
N
1


Similar Part No. - HFBR-1528Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1528Z AVAGO-HFBR-1528Z Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-1528Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0508 AVAGO-HFBR-0508 Datasheet
208Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-1525EZ AVAGO-HFBR-1525EZ Datasheet
131Kb / 7P
   12 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
AFBR-1644Z AVAGO-AFBR-1644Z Datasheet
90Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-1624Z AVAGO-AFBR-1624Z Datasheet
99Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-2521CZ AVAGO-AFBR-2521CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
AFBR-T524Z AVAGO-AFBR-T524Z Datasheet
257Kb / 7P
   50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
logo
Broadcom Corporation.
AFBR-25X1CZ BOARDCOM-AFBR-25X1CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
AFBR-1528CZ BOARDCOM-AFBR-1528CZ Datasheet
1Mb / 12P
   DC to 10-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1529Z AVAGO-AFBR-1529Z Datasheet
199Kb / 5P
   DC to 10 Mbd Versatile Link Fiber Optic Analog Transmitter for 1 mm POF and 200 關m PCS
logo
Broadcom Corporation.
AFBR-15X1CZ BOARDCOM-AFBR-15X1CZ Datasheet
1Mb / 14P
   DC to 5-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com