Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3810KRC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS3810KRC
Description  Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3810KRC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS3810KRC Datasheet HTML 1Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 2Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 3Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 4Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 5Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 6Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 7Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 8Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FMS3810/3815
PRODUCT SPECIFICATION
2
REV. 1.08 12/21/00
Functional Description
Within the FMS3810/3815 are three identical 10-bit D/A
converters, each with a current source output. External loads
are required to convert the current to voltage outputs. Data
inputs RGB7-0 are overridden by the BLANK input. SYNC
= H activates, sync current from IOS for sync-on-green video
signals.
Digital Inputs
All digital inputs are TTL-compatible. Data is registered on
the rising edge of the CLK signal. Following one stage of
pipeline delay, the analog output changes tDO after the rising
edge of CLK.
SYNC and BLANK
SYNC and BLANK inputs control the output level (Figure 1
and Table 1) of the D/A converters during CRT retrace
intervals. BLANK forces the D/A outputs to the blanking
level while SYNC = L turns off a current source that is
connected to the green D/A converter. SYNC = H adds a 40
IRE sync pulse to the green output, SYNC = L sets the green
output to 0.0 Volts during the sync tip. SYNC and BLANK
are registered on the rising edge of CLK.
Figure 1. Nominal Output Levels
BLANK gates the D/A inputs and sets the pedestal voltage.
If BLANK = H, the D/A inputs are added to a pedestal which
offsets the current output. If BLANK = L, data inputs and the
pedestal are disabled.
D/A Outputs
Each D/A output is a current source. To obtain a voltage
output, a resistor must be connected to ground. Output
voltage depends upon this external resistor, the reference
voltage, and the value of the gain-setting resistor connected
between RREF and GND.
Normally, a source termination resistor of 75 Ohms is
connected between the D/A current output pin and GND
near the D/A converter. A 75 Ohm line may then be
connected with another 75 Ohm termination resistor at the
far end of the cable. This “double termination” presents the
D/A converter with a net resistive load of 37.5 Ohms.
The FMS3810/3815 may also be operated with a single 75
Ohm terminating resistor. To lower the output voltage swing
to the desired range, the nominal value of the resistor on
RREF should be doubled.
Voltage Reference
All three D/A converters are supplied with a common
voltage reference. Internal bandgap voltage reference voltage
is +1.235 Volts with a 3K
Ω source resistance. An external
voltage reference may be connected to the VREF pin,
overriding the internal voltage reference.
A 0.1µF capacitor must be connected between the COMP
pin and VDD to stabilize internal bias circuitry and ensure
low-noise operation.
Power and Ground
Required power is a single +5.0 Volt supply. To minimize
power supply induced noise, analog +5V should be
connected to VDD pins with 0.1 and 0.01 µF decoupling
capacitors placed adjacent to each VDD pin or pin pair.
High slew-rate of digital data makes capacitive coupling to
the outputs of any D/A converter a potential problem. Since
the digital signals contain high-frequency components of the
CLK signal, as well as the video output signal, the resulting
data feedthrough often looks like harmonic distortion or
reduced signal-to-noise performance. All ground pins should
be connected to a common solid ground plane for best
performance.
data: 660 mV max.
pedestal: 54 mV
sync: 286 mV


Similar Part No. - FMS3810KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
More results

Similar Description - FMS3810KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110_04 Datasheet
478Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sanyo Semicon Device
LC89066 SANYO-LC89066 Datasheet
51Kb / 4P
   6-Bit Video A/D Converters
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
logo
Fairchild Semiconductor
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com