Electronic Components Datasheet Search |
|
X9317US8IZ-2.7 Datasheet(PDF) 3 Page - Intersil Corporation |
|
X9317US8IZ-2.7 Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 13 page 3 FN8183.7 March 7, 2012 Block Diagram X9317TM8Z-2.7 DCP 2.7 to 5.5 100 0 to +70 8 Ld MSOP M8.118 X9317TM8IZ-2.7 DCM -40 to +85 8 Ld MSOP M8.118 X9317TS8Z-2.7 X9317T ZF 0 to +70 8 Ld SOIC M8.15E X9317TS8IZ-2.7 X9317T ZG -40 to +85 8 Ld SOIC M8.15E X9317TV8Z-2.7 9317T FZ 0 to +70 8 Ld TSSOP M8.173 X9317TV8IZ-2.7 9317T GZ -40 to +85 8 Ld TSSOP M8.173 NOTES: 1. Add “-T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for X9317. For more information on MSL please see tech brief TB363. Ordering Information (Continued) PART NUMBER (Notes 1, 2, 3) PART MARKING VCC LIMITS (V) RTOTAL (k Ω) TEMPERATURE RANGE (°C) PACKAGE PKG. DWG. # UP/DOWN COUNTER 7-BIT NONVOLATILE MEMORY STORE AND RECALL CONTROL CIRCUITRY ONE OF ONE DECODER RESISTOR ARRAY RH U/D INC CS WIPER SWITCHES HUNDRED VCC VSS RL RW CONTROL AND MEMORY UP/DOWN (U/D) INCREMENT (INC) DEVICE SELECT (CS) VCC (SUPPLY VOLTAGE) VSS (GROUND) RH RW RL GENERAL DETAILED 0 1 2 96 97 98 99 Pin Descriptions PDIP/SOIC/MSOP TSSOP SYMBOL BRIEF DESCRIPTION 13 INC Increment Toggling INC while CS is low moves the wiper either up or down. 24 U/D Up/Down The U/D input controls the direction of the wiper movement. 35 RH The high terminal is equivalent to one of the fixed terminals of a mechanical potentiometer. 46 VSS Ground 57 R W The wiper terminal is equivalent to the movable terminal of a mechanical potentiometer. 68 RL The low terminal is equivalent to one of the fixed terminals of a mechanical potentiometer. 71 CS Chip Select The device is selected when the CS input is LOW, and de-selected when CS is high. 82 VCC Supply Voltage X9317 |
Similar Part No. - X9317US8IZ-2.7 |
|
Similar Description - X9317US8IZ-2.7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |