Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317WV8Z-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9317WV8Z-2.7
Description  Digitally Controlled Potentiometer (XDCP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WV8Z-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9317WV8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9317WV8Z-2.7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN8183.7
March 7, 2012
Basic Configurations of Electronic Potentiometers
Basic Circuits
VREF
RW
VREF
I
THREE TERMINAL POTENTIOMETER;
VARIABLE VOLTAGE DIVIDER
TWO TERMINAL VARIABLE RESISTOR;
VARIABLE CURRENT
RH
RL
CASCADING TECHNIQUES
BUFFERED REFERENCE VOLTAGE
-
+
+5V
R1
+V
VREF
VOUT
LMC7101
RW
RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
SINGLE SUPPLY INVERTING AMPLIFIER
VOLTAGE REGULATOR
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
OFFSET VOLTAGE ADJUSTMENT
+
-
VS
VO
R2
R1
100k
Ω
10k
Ω
10k
Ω
10k
Ω
+5V
LMC7101
COMPARATOR WITH HYSTERESIS
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
-
R1
VO
LMC7101
+
-
VS
VO
R2
R1
LT311A
+5V
R2
+5V
100k
100k
+5V
VS
VO = (R2/R1)VS
RW
X9317


Similar Part No. - X9317WV8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WV8Z-2.7 INTERSIL-X9317WV8Z-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WV8Z-2.7 INTERSIL-X9317WV8Z-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317WV8Z-2.7 RENESAS-X9317WV8Z-2.7 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317WV8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com