Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3810 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS3810
Description  Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3810 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS3810 Datasheet HTML 1Page - Fairchild Semiconductor FMS3810 Datasheet HTML 2Page - Fairchild Semiconductor FMS3810 Datasheet HTML 3Page - Fairchild Semiconductor FMS3810 Datasheet HTML 4Page - Fairchild Semiconductor FMS3810 Datasheet HTML 5Page - Fairchild Semiconductor FMS3810 Datasheet HTML 6Page - Fairchild Semiconductor FMS3810 Datasheet HTML 7Page - Fairchild Semiconductor FMS3810 Datasheet HTML 8Page - Fairchild Semiconductor FMS3810 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCT SPECIFICATION
FMS3810/3815
REV. 1.08 12/21/00
3
Table 1. Output Voltage versus Input Code, SYNC and BLANK
VREF = 1.235 V, RREF = 590
Ω, RL = 37.5 Ω
Pin Assignments
RGB7-0 (MSB…LSB)
Blue and Red
Green
SYNC
BLANK
VOUT
SYNC
BLANK
VOUT
1111 1111
X
1
0.714
1
1
1.000
1111 1111
X
1
0.714
0
1
0.714
1111 1110
X
1
0.711
1
1
0.997
1111 1101
X
1
0.709
1
1
0.995
0000 0000
X
1
0.385
1
1
0.671
1111 1111
X
1
0.383
1
1
0.669
0000 0010
X
1
0.059
1
1
0.345
0000 0001
X
1
0.057
1
1
0.343
0000 0000
X
1
0.054
1
1
0.340
0000 0000
X
1
0.054
0
1
0.054
XXXX XXXX
X
0
0.000
1
0
0.286
XXXX XXXX
X
0
0.000
0
0
0.000
XXXX XXXX
X
1
valid
0
1
valid
GND
G0
G1
G2
G3
G4
G5
G6
G7
BLANK
VDD
RREF
VREF
COMP
IOG
IOR
VDD
VDD
IOB
GND
GND
NC
1
2
3
4
5
6
7
8
9
10
SYNC
11
12
36
35
34
33
32
31
30
29
28
27
CLOCK
26
25
FMS3810/3815
LQFP Package


Similar Part No. - FMS3810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
More results

Similar Description - FMS3810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110_04 Datasheet
478Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sanyo Semicon Device
LC89066 SANYO-LC89066 Datasheet
51Kb / 4P
   6-Bit Video A/D Converters
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
logo
Fairchild Semiconductor
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com